Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1807A Datasheet (PDF) - Belden Inc.

1807A Datasheet PDF - Belden Inc.
Part # 1807A
Download  1807A Download
File Size   178.88 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description S-Video, High-Flex, Dual Mini 75 Ohm #30 Coax, Parallel

1807A Datasheet (PDF)

Go To PDF Page Download Datasheet
1807A Datasheet PDF - Belden Inc.

Part # 1807A
Download  1807A Click to download

File Size   178.88 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description S-Video, High-Flex, Dual Mini 75 Ohm #30 Coax, Parallel

1807A Datasheet (HTML) - Belden Inc.


1807A Product details

Product Description
S-Video Cable, 2-30 AWG stranded tinned copper coax, foam HDPE insulation, 90% tinned copper spiral serve shield, PVC jacket




Similar Part No. - 1807A

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1807 ALPHAWIRE-1807 Datasheet
69Kb / 3P
Customer Specification
1807 ALPHAWIRE-1807 Datasheet
98Kb / 4P
Customer Specification
2/20/2023
1807 ALPHAWIRE-1807 Datasheet
98Kb / 4P
Customer Specification
3/12/2023
logo
Heyco.
1807 HEYCO-1807 Datasheet
138Kb / 1P
RDD Lockit™ Strain Relief Bushings – Right Angle
logo
ASSUN MOTOR Pte Ltd.
1807 ASSUN-1807 Datasheet
252Kb / 1P
METAL Brush
2023-A
More results


Similar Description - 1807A

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK15400 TOKO-TK15400 Datasheet
92Kb / 12P
75 OHM VIDEO LINE DRIVER
TK15403 TOKO-TK15403 Datasheet
57Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15420 TOKO-TK15420 Datasheet
53Kb / 4P
75 OHM VIDEO LINE DRIVER
TK15421 TOKO-TK15421 Datasheet
53Kb / 4P
75 OHM VIDEO LINE DRIVER
logo
Pasternack Enterprises,...
PE9609 PASTERNACK-PE9609 Datasheet
79Kb / 1P
MINI 75 OHM SMB PLUG TO MINI 75 OHM SMB PLUG
PE9610 PASTERNACK-PE9610 Datasheet
78Kb / 1P
MINI 75 OHM SMB PLUG TO MINI 75 OHM SMB JACK
logo
ERNI Electronics
053307 ERNI-053307 Datasheet
45Kb / 1P
COAX-PLUG 75 OHM
064428 ERNI-064428 Datasheet
66Kb / 1P
COAX-PLUG 75 OHM
logo
List of Unclassifed Man...
8241F ETC2-8241F Datasheet
102Kb / 3P
75 Ohm Coax
logo
Belden Inc.
4855P BELDEN-4855P Datasheet
113Kb / 3P
12 GHz Coax, 4K UHD Precision Video Coax, Mini RG-59 Type, 75 Ohm, 23 AWG Solid, CMP
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com