Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MF3D4300DA4/00 Datasheet (PDF) - NXP Semiconductors

MF3D4300DA4/00 Datasheet PDF - NXP Semiconductors
Part # MF3D4300DA4/00
Download  MF3D4300DA4/00 Download
File Size   430.06 Kbytes
Page   29 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description MIFARE DESFire EV3 contactless multi-application IC

MF3D4300DA4/00 Datasheet (PDF)

Go To PDF Page Download Datasheet
MF3D4300DA4/00 Datasheet PDF - NXP Semiconductors

Part # MF3D4300DA4/00
Download  MF3D4300DA4/00 Click to download

File Size   430.06 Kbytes
Page   29 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description MIFARE DESFire EV3 contactless multi-application IC

MF3D4300DA4/00 Datasheet (HTML) - NXP Semiconductors


MF3D4300DA4/00 Product details

1 General description
1.1 Introduction
MF3D(H)x3 is the latest addition to the MIFARE DESFire product family introducing new feature along
with enhanced performance for best user experience. The MF3D(H)x3 is Common Criteria EAL5+ security
certified which is the same security certification level as demanded for smart card IC products used e.g. for
banking cards or electronic passports. It fully complies with the requirements for fast and highly secure data
transmission and flexible application management. This makes it the ideal product for service providers and
service operators who want to offer an easy, convenient and secure access to a wide variety of different
services.
MF3D(H)x3 offers best flexibility when creating multi-application schemes and feature such as MIsmartApp
is supporting new business models. Using MF3D(H)x3 with NXP's AppXpplorer cloud service, Smart Cities
services for example could be utilized with only one card by combining services such as public transport, car
or bike sharing, access to city attractions with citizen services, closed-loop e-payment applications and local
loyalty programs.
MF3D(H)x3 is based on global open standards for both air interface and cryptographic methods. It is compliant
to all levels of ISO/IEC 14443A and supports optional ISO/IEC 7816-4 commands (APDU and file structure
supported) and is fully interoperable with existing NFC reader for MIFARE infrastructure.
Featuring an on-chip backup management system and the mutual three-pass authentication, a MF3D(H)x3
card can hold as many applications as the memory can accommodate. Each application can hold up to 32
files with various data configurations. The size of each file is defined at the moment of its creation, making
MF3D(H)x3 a truly flexible and convenient product. An automatic anti-tear mechanism is available for all file
types, guaranteeing transaction-oriented data integrity.
The main characteristics of this device are denoted by its name "DESFire": DES indicates the high level of
security using a 3DES or AES hardware cryptographic engine for confidentiality and integrity protection of the
transmission data. Fire indicates its outstanding position as a Fast, Innovative, Reliable and sEcure IC in the
contactless proximity transaction market.
MF3D(H)x3 delivers the perfect balance of speed, performance and cost efficiency. Its open concept allows
seamless future integration of other ticketing media such as smart paper tickets, banking convergence card,
and MIFARE 2GO mobile ticketing service based on Near Field Communication (NFC) technology. MF3D(H)x3
is your ticket to secure contactless systems worldwide.

2 Features and benefits
2.1 Feature overview
2.1.1 RF interface: ISO/IEC 14443 Type A
• Contactless interface compliant with ISO/IEC 14443-2/3 A
• Low Hmin enabling operating distance up to 100 mm (depending on power provided by the PCD and antenna
geometry)
• Fast data transfer: 106 kbit/s, 212 kbit/s, 424 kbit/s, 848 kbit/s
• 7 bytes unique identifier (option for Random ID)
• Uses ISO/IEC 14443-4 transmission protocol
• Configurable FSCI to support up to 256 bytes frame size
2.1.2 Non-volatile memory
• 2 kB, 4 kB, 8 kB, or 16 kB
• Data retention of 25 years
• Write endurance typical 1 000 000 cycles
• Fast programming cycles
2.1.3 NV-memory organization and multi-application support
• Flexible file system: user can freely define application structures on PICC
• As many applications as the memory size supports per PICC
• Up to 32 files in each application (6 file types available: Standard Data file, Back-up Data file, Value file, Linear
Record file, Cyclic Record file and Transaction MAC file)
• File size is determined during creation (not for Transaction MAC file)
• MIsmartApp (Delegated Application Management)
• Memory reuse in DAM applications (Format Application)
• Factory loaded NXP's DAM keys for AppXplorer service support
• Accessing files from any two applications during a single transaction
2.1.4 Security and Privacy
• Common Criteria certification: EAL5+ (Hardware and Software)
• Unique 7 bytes serial number for each device
• Optional “RANDOM” ID for enhanced security and privacy
• Mutual three-pass authentication
• Mutual authentication according to ISO/IEC 7816-4
• Flexible key management: 1 card master key and up to 14 keys per application
• Multiple key assignment for each file access rights (up to 8)
• Multiple Key Sets per application with fast key rolling mechanism (up to 16 sets)
• Hardware DES using 56/112/168 bit keys featuring key version
• Hardware AES using 128-bit keys featuring key version
• Data authenticity by 8 byte CMAC
• MF3ICD40 compatible mode: 4 byte MAC, CRC 16
• Data encryption on RF-channel
• Authentication on application level
• Hardware exception sensors
• Self-securing file system
• Transaction MAC signed with secret key per application
• Virtual Card Architecture for enhanced card/application selection on multi-VC devices with privacy protection
• Proximity Check for protection against Relay Attacks
• Originality Check for proof of genuine NXP’s product
2.1.5 ISO/IEC 7816 compatibility
• Supports ISO/IEC 7816-4 file structure (selection by File ID or DF name)
• Supports ISO/IEC 7816-4 APDU message structure
• Supports ISO/IEC 7816-4 APDU wrapper for MIFARE DESFire native commands
• Supports ISO/IEC 7816-4 INS code ‘A4’ for SELECT FILE
• Supports ISO/IEC 7816-4 INS code ‘B0’ for READ BINARY
• Supports ISO/IEC 7816-4 INS code ‘D6’ for UPDATE BINARY
• Supports ISO/IEC 7816-4 INS code ‘B2’ for READ RECORDS
• Supports ISO/IEC 7816-4 INS code ‘E2’ for APPEND RECORD
• Supports ISO/IEC 7816-4 INS code ‘84’ for GET CHALLENGE
• Supports ISO/IEC 7816-4 INS code ‘88’ for INTERNAL AUTHENTICATE
• Supports ISO/IEC 7816-4 INS code ‘82’ for EXTERNAL AUTHENTICATE
2.1.6 Special features
• Transaction-oriented automatic anti-tear mechanism with new transaction timer support
• Configurable ATS information for card personalization
• Backward compatibility mode to MIFARE DESFire EV2, EV1 and D40 (MF3ICD40)
• Secure Unique NFC (SUN) enabled by Secure Dynamic Messaging (SDM) which is mirrored as text into the
NDEF message (compatible with NTAG DNA)
• NFC Forum Type 4 Tag certified (Certificate ID. 58652)
• Optional high input capacitance (70 pF) for small form factor designs (MF3DHx3)
3 Applications
• Secure public transport ticketing
• Multi-application smart city and mobility card
• Secure access management
• Micro-payment and Loyalty
• Student ID
• Road tolling and parking
• Hospitality
• Event ticketing




Similar Part No. - MF3D4300DA4/00

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MF3D4300DA4/00 NXP-MF3D4300DA4/00 Datasheet
409Kb / 28P
MIFARE DESFire EV3 contactless multi-application IC
Rev.3.0-15 May2020
More results


Similar Description - MF3D4300DA4/00

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MF3ICD21 PHILIPS-MF3ICD21 Datasheet
74Kb / 15P
MIFARE DESFire EV1 contactless multi-application IC
Rev. 02-6 March 2009
MF3ICD21 NXP-MF3ICD21 Datasheet
82Kb / 15P
MIFARE DESFire EV1 contactless multi-application IC
Rev. 02-6 March 2009
MF0ULX1 NXP-MF0ULX1 Datasheet
1Mb / 50P
MIFARE Ultralight EV1 - contactless ticket IC
Rev. 3.0-19 February 2013
MF3DX2 NXP-MF3DX2 Datasheet
317Kb / 27P
MIFARE DESFire EV2 contactless multi-application IC
Rev.3.2-12 June2019
MF3DX3 NXP-MF3DX3 Datasheet
409Kb / 28P
MIFARE DESFire EV3 contactless multi-application IC
Rev.3.0-15 May2020
MF3ICDQ1 NXP-MF3ICDQ1 Datasheet
112Kb / 18P
MIFARE DESFire EV1 256B contactless smartcard IC
Rev.3.0-5 November2015
MF3ICDX21 NXP-MF3ICDX21 Datasheet
117Kb / 18P
MIFARE DESFire EV1 contactless multi-application IC
Rev.3.2-9 December2015
MF0AES20 NXP-MF0AES20 Datasheet
680Kb / 73P
MIFARE Ultralight AES contactless limited-use IC
Rev. 3.1-29 April 2022
MF2DLHX0 NXP-MF2DLHX0 Datasheet
1Mb / 132P
MIFARE DESFire Light contactless application IC
Rev. 3.3 - 5 April 2019
MF0AES20 NXP-MF0AES20_V01 Datasheet
653Kb / 72P
MIFARE Ultralight AES contactless limited-use IC
Rev. 3.2 - 28 March 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com