Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OLI5050V.A1-850-A Datasheet (PDF) - OSRAM GmbH

OLI5050V.A1-850-A Datasheet PDF - OSRAM GmbH
Part # OLI5050V.A1-850-A
Download  OLI5050V.A1-850-A Download
File Size   673.83 Kbytes
Page   11 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description BIDOS® Core

OLI5050V.A1-850-A Datasheet (PDF)

Go To PDF Page Download Datasheet
OLI5050V.A1-850-A Datasheet PDF - OSRAM GmbH

Part # OLI5050V.A1-850-A
Download  OLI5050V.A1-850-A Click to download

File Size   673.83 Kbytes
Page   11 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description BIDOS® Core

OLI5050V.A1-850-A Datasheet (HTML) - OSRAM GmbH


OLI5050V.A1-850-A Product details

Features:
— Chip Technology: GaAs VCSEL
— IR Laser Wavelength: 850 nm
— Optical Power Class: 4 W pulsed
— Radiation Profile: Multi-Mode
— ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)




Similar Part No. - OLI5050V.A1-850-A

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
OLI5050V.A1-940-A OSRAM-OLI5050V.A1-940-A Datasheet
737Kb / 11P
BIDOS® Core
Version 1.2 2022-12-09
More results


Similar Description - OLI5050V.A1-850-A

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DPX-E145 ADVANTECH-DPX-E145 Datasheet
1Mb / 2P
11th Generation Intel® Core™ Gaming Platform
1-Dec-2020
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32-WROOM-32UE ESPRESSIF-ESP32-WROOM-32UE Datasheet
736Kb / 35P
ESP32-D0WD-V3 embedded, Xtensa® dual-core
2021
logo
Infineon Technologies A...
XMC4100 INFINEON-XMC4100_V01 Datasheet
2Mb / 93P
ARM® Cortex®-M4 32-bit processor core
V1.4 2018-09
logo
Advantech Co., Ltd.
MIC-3329 ADVANTECH-MIC-3329 Datasheet
790Kb / 2P
3U CompactPCI® Intel® Quad-Core Atom™ Processor Blade
22-Mar-2021
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
logo
BCM Advanced Research.
AR3399RK BCM-AR3399RK Datasheet
652Kb / 1P
Rockchip® RK3399 Dual Core Quad Core SoC (6-Core) ARM Motherboard
2021/02/11
BC370Q BCM-BC370Q Datasheet
689Kb / 1P
Intel® Q370 ATX Motherboard supports 8th/9th Gen Intel® Core™/Pentium®/Celeron® Processors
05/12/2022
logo
AAEON Technology
BOXER-6614 AAEON-BOXER-6614 Datasheet
520Kb / 2P
Fanless Embedded Box PC with Intel® Celeron® N2930 Quad Core 1.83 GHz/ Celeron® N2807 Dual Core 1.58 GHz
2022/09/14
logo
BCM Advanced Research.
EPC-SKLU BCM-EPC-SKLU Datasheet
479Kb / 1P
6th Generation Intel® Core™/ Celeron® Processor Fanless Compact BOX PC
1/2/2018
logo
List of Unclassifed Man...
AMCC ETC-AMCC Datasheet
949Kb / 4P
AMCC Series Cut Core FINEMET® F3CC Series Cut Core
Apr. 16
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com