Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1700907 Datasheet (PDF) - PHOENIX CONTACT

1700907 Datasheet PDF - PHOENIX CONTACT
Part # 1700907
Download  1700907 Download
File Size   231.02 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FFKDSA1/V2-7,62- 3 - PCB terminal block

1700907 Datasheet (PDF)

Go To PDF Page Download Datasheet
1700907 Datasheet PDF - PHOENIX CONTACT

Part # 1700907
Download  1700907 Click to download

File Size   231.02 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FFKDSA1/V2-7,62- 3 - PCB terminal block

1700907 Datasheet (HTML) - PHOENIX CONTACT


1700907 Product details

PCB terminal block, nominal current: 17.5 A, rated voltage (III/2): 630 V, nominal cross section:
1.5 mm2, number of potentials: 3, number of rows: 1, number of positions per row: 3, product
range: FFKDS(A)/V2, pitch: 7.62 mm, connection method: Push-in spring connection, mounting:
Wave soldering, conductor/PCB connection direction: 90 °, color: green, Pin layout: Linear
pinning, Solder pin [P]: 3.4 mm, number of solder pins per potential: 2, type of packaging:
packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive operation due to color-coded actuating push button
• Operation and conductor connection from one direction enable integration into front of device
• Two solder pins reduce the mechanical strain on the soldering spots
• The latching on the side enables various numbers of positions to be combined
• Vertical connection enables multi-row arrangement on the PCB




Similar Part No. - 1700907

ManufacturerPart #DatasheetDescription
logo
Heyco.
17009 HEYCO-17009 Datasheet
108Kb / 1P
Snap Latch Rivets
logo
PHOENIX CONTACT
1700960 PHOENIX-1700960 Datasheet
71Kb / 4P
Printed-circuit board connector - MSTBV 2,5 HC/ 3-GF BK
1700961 PHOENIX-1700961 Datasheet
59Kb / 4P
Printed-circuit board connector - MVSTBR 2,5 HC/ 3-STF BK
1700994 PHOENIX-1700994 Datasheet
100Kb / 3P
CIOC 4-24-1,0-M
Feb 2, 2011
logo
Heyco.
17009W HEYCO-17009W Datasheet
108Kb / 1P
Snap Latch Rivets
More results


Similar Description - 1700907

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1700855 PHOENIX-1700855 Datasheet
92Kb / 4P
PCB terminal block - FFKDSA1/V1-7,62- 4
1780549 PHOENIX-1780549 Datasheet
58Kb / 4P
PCB terminal block - FFKDSA1/V1-7,62- 3
1790487 PHOENIX-1790487 Datasheet
95Kb / 3P
FFKDSA1/V2-7,62
1890154 PHOENIX-1890154 Datasheet
52Kb / 3P
PCB terminal block - FFKDSA1/V2-5,08- 7
1890167 PHOENIX-1890167 Datasheet
52Kb / 3P
PCB terminal block - FFKDSA1/V2-5,08- 3
1928990 PHOENIX-1928990 Datasheet
57Kb / 4P
PCB terminal block - FFKDSA1/H1-7,62 BK
1929766 PHOENIX-1929766 Datasheet
59Kb / 4P
PCB terminal block - FFKDSA1/H1-7,62- 7
1929973 PHOENIX-1929973 Datasheet
58Kb / 4P
PCB terminal block - FFKDSA1/H1-7,62- 4
1930771 PHOENIX-1930771 Datasheet
45Kb / 2P
PCB terminal block - FFKDSA1/ V2-5,08-16
1700677 PHOENIX-1700677 Datasheet
238Kb / 8P
FFKDSA1/V2-5,08- 8 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com