Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC00A-EP Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
SN74LVC00A-EP Datasheet PDF - Texas Instruments
Part # SN74LVC00A-EP
Download  SN74LVC00A-EP Download
File Size   1333.08 Kbytes
Page   21 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SN74LVC00A-Q1 Automotive Quadruple 2-Input Positive-NAND Gate

SN74LVC00A-EP Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC00A-EP Datasheet PDF - Texas Instruments

Part # SN74LVC00A-EP
Download  SN74LVC00A-EP Click to download

File Size   1333.08 Kbytes
Page   21 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SN74LVC00A-Q1 Automotive Quadruple 2-Input Positive-NAND Gate

SN74LVC00A-EP Datasheet (HTML) - Texas Instruments


SN74LVC00A-EP Product details

1 Features
• Qualified for automotive applications
• Operates from 2V to 3.6V
• Inputs accept voltages to 5.5V
• Max tpd of 4.3ns at 3.3V
• Typical VOLP (output ground bounce) < 0.8V at VCC
= 3.3V, TA = 25°C
• Typical VOHV (output VOH undershoot) > 2V at VCC
= 3.3V, TA = 25°C

2 Description
The SN74LVC00A-Q1 quadruple 2-input positive-
NAND gate is designed for 2.7V to 3.6V VCC
operation.
The device performs the Boolean function Y = A • B or
Y = A + B in positive logic.
Inputs can be driven from either 3.3V or 5V devices.
This feature allows the use of this device as a
translator in a mixed 3.3V/5V system environment.




Similar Part No. - SN74LVC00A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC00A-EP TI1-SN74LVC00A-EP Datasheet
523Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74LVC00A-EP TI1-SN74LVC00A-EP Datasheet
2Mb / 39P
SNx4LVC00A Quadruple 2-Input Positive-NAND Gates
MARCH 2024
SN74LVC00A-EP TI-SN74LVC00A-EP Datasheet
1Mb / 25P
SN74LVC00A-Q1 Automotive Quadruple 2-Input Positive-NAND Gate
MAY 2024
More results


Similar Description - SN74LVC00A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC00 TI-SN74ALVC00 Datasheet
110Kb / 7P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74AUC00 TI-SN74AUC00_07 Datasheet
548Kb / 11P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74ALVC00 TI-SN74ALVC00_08 Datasheet
754Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
logo
Potato Semiconductor Co...
PO54G00A POTATO-PO54G00A Datasheet
554Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
logo
Texas Instruments
SN74ALVC00-EP TI1-SN74ALVC00-EP Datasheet
308Kb / 9P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74LVC00A-Q1 TI1-SN74LVC00A-Q1 Datasheet
217Kb / 10P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN54HC00-DIE TI1-SN54HC00-DIE Datasheet
81Kb / 6P
Quadruple 2-Input Positive-NAND Gate
SN74ALVC00-Q1 TI1-SN74ALVC00-Q1_15 Datasheet
769Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74AHCT00Q-Q1 TI-SN74AHCT00Q-Q1_V01 Datasheet
1Mb / 25P
SN74AHCT00Q-Q1 Automotive Quadruple 2-Input Positive-NAND Gates
REVISED MAY 2023
SN74AHC00-Q1 TI-SN74AHC00-Q1_V01 Datasheet
1Mb / 22P
SN74AHC00-Q1 Automotive Quadruple 2-Input Positive-NAND Gate
REVISED JUNE 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com