Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

5.0SMCJ100A Datasheet (PDF) - SMC Diode Solutions Co. LTD

5.0SMCJ100A Datasheet PDF - SMC Diode Solutions Co. LTD
Part # 5.0SMCJ100A
Download  5.0SMCJ100A Download
File Size   371.17 Kbytes
Page   6 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

5.0SMCJ100A Datasheet (PDF)

Go To PDF Page Download Datasheet
5.0SMCJ100A Datasheet PDF - SMC Diode Solutions Co. LTD

Part # 5.0SMCJ100A
Download  5.0SMCJ100A Click to download

File Size   371.17 Kbytes
Page   6 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

5.0SMCJ100A Datasheet (HTML) - SMC Diode Solutions Co. LTD


5.0SMCJ100A Product details

Glass Passivated Die Construction
5000W Peak Pulse Power Dissipation
Uni- and Bi-Directional Versions Available
Excellent Clamping Capability
Fast Response Time
Plastic Case Material has UL Flammability Classification
Rating 94V-O
“-A” suffix is for Automotive qualified
This is a Pb − Free Device
All SMC Parts are Traceable to the Wafer Lot
Additional testing can be offered upon request




Similar Part No. - 5.0SMCJ100A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
5.0SMCJ100A PANJIT-5.0SMCJ100A Datasheet
158Kb / 6P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
logo
Yea Shin Technology Co....
5.0SMCJ100A YEASHIN-5.0SMCJ100A Datasheet
1Mb / 4P
Surface Mount Transient Voltage Suppressors
logo
Rectron Semiconductor
5.0SMCJ100A RECTRON-5.0SMCJ100A Datasheet
521Kb / 6P
Reverse Voltage 11 ~ 440 V 5000 Watt Peak Pulse Power
logo
Won-Top Electronics
5.0SMCJ100A WTE-5.0SMCJ100A Datasheet
107Kb / 6P
5000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
September, 2019
More results


Similar Description - 5.0SMCJ100A

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
SMDJ5.0 DIOTECH-SMDJ5.0 Datasheet
935Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
1.5SMC DIOTECH-1.5SMC Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Semiconducto...
SMBJ5.0 CHENDA-SMBJ5.0 Datasheet
2Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SAMYANG ELECTRONICS CO....
SMF SAMYANG-SMF Datasheet
1Mb / 4P
Surface Mount Transient Voltage Suppressor
logo
Alpha & Omega Semicondu...
1.5SMC6.8 AOSMD-1.5SMC6.8 Datasheet
707Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.1 July 2021
SMAJ5.0A AOSMD-SMAJ5.0A Datasheet
713Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
SMBJ5.0A AOSMD-SMBJ5.0A Datasheet
706Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com