Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX81H1 Datasheet (PDF) - Texas Instruments

AFEX81H1 Datasheet PDF - Texas Instruments
Part # AFEX81H1
Download  AFEX81H1 Download
File Size   5015.73 Kbytes
Page   112 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description AFEx81H1 16-Bit and 14-Bit, Low-Power DACs With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications

AFEX81H1 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFEX81H1 Datasheet PDF - Texas Instruments

Part # AFEX81H1
Download  AFEX81H1 Click to download

File Size   5015.73 Kbytes
Page   112 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description AFEx81H1 16-Bit and 14-Bit, Low-Power DACs With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications

AFEX81H1 Datasheet (HTML) - Texas Instruments


AFEX81H1 Product details

1 Features
• Functional Safety-Capable
– Documentation available to aid functional safety
system design: AFE881H1, AFE781H1
• Low quiescent current: 180 μA (typical)
• HART®-compliant physical layer modem
• 16-bit or 14-bit monotonic high-performance DAC
– 1.8-V supply: 0.15 V to 1.25 V, 0.2 V to 1.0 V
– 5-V supply: 0.3 V to 2.5 V, 0.4 V to 2.0 V
– 4-LSB INL at 16 bits
– 0.07% FSR (max) TUE from –40°C to +125°C
• 12-bit 3.84-kSPS ADC for advanced diagnostics
• Integrated 1.25-V reference at 10 ppm/°C (max)
• Internal 1.2288-MHz oscillator with clock output
• Digital interface
– Serial peripheral interface (SPI): Shared bus for
both DAC and HART
– Universal asynchronous receiver-transmitter
(UART): Shared bus for both DAC and HART
– Both: SPI for DAC and UART for HART
• Fault detection: CRC bit error checking, windowed
watchdog timer, diagnostic ADC
• Digital DAC slew-rate control
• Wide operating temperature: –55°C to +125°C

2 Applications
• 2-wire, 4-mA to 20-mA loop-powered transmitters
• Process control and industrial automation
• Smart transmitters

3 Description
The 16-bit AFE881H1 and 14-bit AFE781H1
(AFEx81H1) are highly-integrated, high-accuracy,
extremely low-power digital-to-analog converters
(DACs) with voltage outputs designed for HARTenabled
sensor-transmitter applications.
The AFEx81H1 devices include most of the
components required to design a 4‑mA to
20‑mA, 2‑wire (loop-powered) sensor transmitter. In
addition to the highly accurate DAC, these parts
include a HART-certified FSK modem, 10‑ppm/°C
voltage reference, and diagnostic analog-to-digital
converter (ADC). To accommodate intrinsic and
functional safety concerns, external voltage-to-current
conversion and power regulation are required.
The internal diagnostic ADC is multiplexed to several
internal nodes that enable an automatic self-health
check. If any fault is detected from the diagnostic
ADC, CRC frame-error checking, or windowed
watchdog timer, the devices can optionally issue
an interrupt, enter a fail-safe state corresponding to
a standard NAMUR output value or user-specified
custom value, or both.
These devices operate from supplies as low as 1.71 V
with 220 μA maximum quiescent current. The devices
are specified over the temperature range of –40°C to
+125°C, but are functional from –55°C to +125°C.




Similar Part No. - AFEX81H1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFEX81H1 TI-AFEX81H1 Datasheet
4Mb / 111P
AFEx81H1 16-Bit and 14-Bit, Low-Power DACs With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
MARCH 2023
AFEX81H1 TI1-AFEX81H1 Datasheet
4Mb / 112P
AFEx81H1 16-Bit and 14-Bit, Low-Power DACs With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
MARCH 2023
More results


Similar Description - AFEX81H1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
CN-0267 AD-CN-0267 Datasheet
407Kb / 8P
Complete 4 mA to 20 mA Loop Powered Field Instrument with HART Interface
REV. A
UG-250 AD-UG-250 Datasheet
562Kb / 12P
Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
REV. A
AD421BNZ AD-AD421BNZ Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
logo
Texas Instruments
AFE78101 TI-AFE78101 Datasheet
3Mb / 88P
AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
DECEMBER 2022
logo
Endress+Hauser Group Se...
TI01043K EH-TI01043K Datasheet
961Kb / 16P
Loop-powered 4 to 20 mA process indicator with optional HART® communication
2019-07-19
logo
Texas Instruments
AFE781H1 TI-AFE781H1 Datasheet
4Mb / 111P
AFEx81H1 16-Bit and 14-Bit, Low-Power DACs With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
MARCH 2023
AFE78201 TI-AFE78201 Datasheet
3Mb / 94P
AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
MAY 2023
AFE78201 TI-AFE78201_V01 Datasheet
3Mb / 95P
AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
MAY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com