Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2183R Datasheet (PDF) - Belden Inc.

2183R Datasheet PDF - Belden Inc.
Part # 2183R
Download  2183R Download
File Size   203.56 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description 4K UHD Media Cable, 4 Pr #23, F/UTP, PVC Jacket, CMR

2183R Datasheet (PDF)

Go To PDF Page Download Datasheet
2183R Datasheet PDF - Belden Inc.

Part # 2183R
Download  2183R Click to download

File Size   203.56 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description 4K UHD Media Cable, 4 Pr #23, F/UTP, PVC Jacket, CMR

2183R Datasheet (HTML) - Belden Inc.


2183R Product details

Product Description
4 Pair 23 AWG Solid Bare Copper Conductors, PP Insulation, F/UTP, Helical TC Drain, Ripcord, PVC Jacket, Riser CMR-LP (0.6A)




Similar Part No. - 2183R

ManufacturerPart #DatasheetDescription
logo
Heyco.
2183 HEYCO-2183 Datasheet
106Kb / 1P
Snap Bushings
logo
Adafruit Industries
2183 ADAFRUIT-2183 Datasheet
129Kb / 2P
Blank SMT Storage Pages for 12 strips of 8mm Tape
2/23/2015
logo
Molex Electronics Ltd.
218310 MOLEX-218310 Datasheet
679Kb / 5P
Off-the-Shelf (OTS) Discrete Wire Cable Assemblies
2024.04 Rev.7
218310 MOLEX-218310 Datasheet
37Kb / 1P
Mini-Fit Family Power Connectors
10/07/2021
218310-1021 MOLEX-218310-1021 Datasheet
37Kb / 1P
Mini-Fit Family Power Connectors
10/07/2021
More results


Similar Description - 2183R

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
4855R BELDEN-4855R Datasheet
244Kb / 4P
12 GHz Coax, 4K UHD Precision Video Cable, RG-59 Mini, 75 Ohm, 23 AWG Solid, CMR
10GX52F BELDEN-10GX52F Datasheet
258Kb / 4P
CAT6A (625MHz), 4 Nonbonded-Pairs, F/UTP, CMR
10GX62F BELDEN-10GX62F Datasheet
266Kb / 4P
CAT6A 10GX Bonded-Pair, 4pr, F/UTP, PVC Jkt, CMR
2183P BELDEN-2183P Datasheet
290Kb / 4P
4K UHD Media Cable, 4 Pr #23, F/UTP Flamarrest짰 Jacket, CMP
1212F BELDEN-1212F Datasheet
163Kb / 3P
Category 5E Cable, 4 Pair, F/UTP, CMR
2022 Belden, Inc
1533R BELDEN-1533R Datasheet
161Kb / 3P
Category 5e Cable, 4 Pair, F/UTP, CMR
2022 Belden, Inc
2138A BELDEN-2138A Datasheet
161Kb / 3P
Category 5e Indoor/Outdoor CMR/CMX F/UTP Cable
2022 Belden, Inc
10GXW52 BELDEN-10GXW52 Datasheet
139Kb / 2P
10GXW (0.265”) Category 6A Cable, 4 Pair, F/UTP, CMR
2022 Belden, Inc
2142A BELDEN-2142A Datasheet
154Kb / 3P
Category 6A Indoor/Outdoor Cable, 4 Pair, F/UTP, CMR/CMX
2022 Belden, Inc
IEA001 BELDEN-IEA001 Datasheet
174Kb / 3P
DataTuff® 6A, 4 Bonded-Pr #23 Sol BC, PO Ins, PVC Jkt, CMR
2022 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com