Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADM1281 Datasheet (PDF) - Analog Devices

ADM1281 Datasheet PDF - Analog Devices
Part # ADM1281
Download  ADM1281 Download
File Size   2052.9 Kbytes
Page   63 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Hot-Swap Controller and Digital Power and Energy Monitor with PMBus Interface

ADM1281 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM1281 Datasheet PDF - Analog Devices

Part # ADM1281
Download  ADM1281 Click to download

File Size   2052.9 Kbytes
Page   63 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Hot-Swap Controller and Digital Power and Energy Monitor with PMBus Interface

ADM1281 Datasheet (HTML) - Analog Devices


ADM1281 Product details

GENERAL DESCRIPTION
The ADM1281 is a hot-swap controller that allows a circuit board
to be removed from or inserted into a live backplane. It also
features current, voltage, power, and temperature readback through
an integrated 12-bit analog-to-digital converter (ADC), accessed
using a PMBus™ interface. The load current is measured using an
internal current sense amplifier that measures the voltage across a
sense resistor in the power path through the HS+ and HS− pins. A
default current limit of 20 mV is set, but this limit can be adjusted, if
required.
The ADM1281 limits the current through the sense resistor by controlling
the gate voltage of an external N-channel FET in the power
path, through the GATE pin. The sense voltage, and therefore
the load current, is maintained below the preset maximum. The
ADM1281 protects the external FET by limiting the time that the
FET remains on while the current is at its maximum value. This
current-limit time is set by the choice of capacitor connected to the
TIMER pin. In addition, a constant power foldback scheme is used
to control the power dissipation in the MOSFET during power-up
and fault conditions. The level of this power, along with the TIMER
regulation time, can be set to ensure that the MOSFET remains
within safe operating area (SOA) limits.
In case of a short-circuit event, a fast internal overcurrent detector
responds within 290 ns and signals the gate to shut down. A 2400
mA pull-down device ensures a fast FET response.
The ADM1281 features overvoltage (OV) and undervoltage (UV)
protection, programmed using external resistor dividers on the UV
and OV pins. A PWRGD signal can be used to detect when the
output supply is valid, using the PWGIN pin to accurately monitor
the output.
The ADM1281 is available in a 32-lead LFCSP with a RETRY pin
that can be configured for automatic retry or latch-off when an
overcurrent fault occurs.

FEATURES
► Drop-in replacement to ADM1278
► ±0.3% accurate, 12-bit ADC for IOUT, VIN, VOUT, and temperature
► 290 ns response time to short-circuit
► Shutdown on detection of FET health fault
► Constant power foldback for tighter FET SOA protection
► Remote temperature sensing with programmable warning and
shutdown thresholds
► Resistor-programmable 5 mV to 25 mV VSENSE current limit
► Programmable start-up current limit
► 1% accurate UV, OV, and PWRGD thresholds
► Split hot-swap and power monitor inputs to allow additional
external ADC filtering
► Reports power and energy consumption over time
► Peak detect registers for current, voltage, and power
► PROCHOT power throttling capability
► PMBus fast mode compliant interface
► Available in 5 mm × 5 mm, 32-lead LFCSP package

APPLICATIONS
► Servers
► Power monitoring and control/power budgeting
► Telecommunication and data communication equipment




Similar Part No. - ADM1281

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1281 AD-ADM1281 Datasheet
1Mb / 63P
Hot-Swap Controller and Digital Power and Energy Monitor with PMBus Interface
Rev. A
ADM1281-1AACPZ AD-ADM1281-1AACPZ Datasheet
1Mb / 63P
Hot-Swap Controller and Digital Power and Energy Monitor with PMBus Interface
Rev. A
ADM1281-1AACPZ-RL AD-ADM1281-1AACPZ-RL Datasheet
1Mb / 63P
Hot-Swap Controller and Digital Power and Energy Monitor with PMBus Interface
Rev. A
ADM1281-1ACPZ AD-ADM1281-1ACPZ Datasheet
1Mb / 63P
Hot-Swap Controller and Digital Power and Energy Monitor with PMBus Interface
Rev. A
ADM1281-1ACPZ-RL AD-ADM1281-1ACPZ-RL Datasheet
1Mb / 63P
Hot-Swap Controller and Digital Power and Energy Monitor with PMBus Interface
Rev. A
More results


Similar Description - ADM1281

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1175 AD-ADM1175 Datasheet
693Kb / 24P
Hot Swap Controller and Digital Power Monitor with Convert Pin
9/06-Revision 0
ADM1177 AD-ADM1177 Datasheet
203Kb / 16P
Hot Swap Controller and Digital Power Monitor with Soft-Start Pin
ADM1178 AD-ADM1178 Datasheet
203Kb / 16P
Hot Swap Controller and Digital Power Monitor with AlertB Output
ADM1276 AD-ADM1276 Datasheet
628Kb / 48P
Hot Swap Controller and Digital Power and Energy Monitoring with PMBus Interface
REV. 0
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
Hot-Swap Controller and Digital Power
REV. D
ADM1177 AD-ADM1177_15 Datasheet
583Kb / 24P
Hot Swap Controller and Digital Power Monitor with Soft Start Pin
REV. C
ADM1278 AD-ADM1278 Datasheet
874Kb / 61P
Hot Swap Controller and Digital Power and Energy Monitor with PMBus Interface
REV. A
ADM1272 AD-ADM1272 Datasheet
578Kb / 57P
High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
3/2020-Rev. A to Rev. B
LTC4283 AD-LTC4283 Datasheet
2Mb / 74P
Negative Voltage Hot Swap Controller with Energy Monitor
07/21-REV.B
LTC4286 AD-LTC4286 Datasheet
1Mb / 44P
High Power Positive Hot-Swap Controller with Power Monitor via PMBus
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com