Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMKDB1102 Datasheet (PDF) - Texas Instruments

LMKDB1102 Datasheet PDF - Texas Instruments
Part # LMKDB1102
Download  LMKDB1102 Download
File Size   3037.19 Kbytes
Page   77 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LMKDB1xxx PCIe Gen 1 to Gen 6 Ultra Low Jitter 1:20, 1:8, 1:4, 1:2, 2:4, 2:2 LP-HCSL Clock Buffer and Clock MUX

LMKDB1102 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMKDB1102 Datasheet PDF - Texas Instruments

Part # LMKDB1102
Download  LMKDB1102 Click to download

File Size   3037.19 Kbytes
Page   77 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LMKDB1xxx PCIe Gen 1 to Gen 6 Ultra Low Jitter 1:20, 1:8, 1:4, 1:2, 2:4, 2:2 LP-HCSL Clock Buffer and Clock MUX

LMKDB1102 Datasheet (HTML) - Texas Instruments


LMKDB1102 Product details

1 Features
• LP-HCSL clock buffer and clock MUX that support:
– PCIe Gen 1 to Gen 6
– CC (Common Clock) and IR (Independent
Reference) PCIe architectures
– Input clock with or without SSC
• DB2000QL compliant:
– All devices meet DB2000QL specifications
– LMKDB1120 is pin-compatible to DB2000QL
• Extremely low additive jitter:
– 31fs maximum 12kHz to 20MHz RMS additive
jitter at 156.25MHz
– 13fs maximum additive jitter for PCIe Gen 4
– 5fs maximum additive jitter for PCIe Gen 5
– 3fs maximum additive jitter for PCIe Gen 6
• Fail-safe input
• Flexible power-up sequence
• Automatic output disable
• Individual output enable
• SBI (Side Band Interface) for high-speed output
enable or disable
• LOS (Loss of Signal) input detection
• 85Ω or 100Ω output impedance
• 1.8V / 3.3V ± 10% power supply
• –40°C to 105°C ambient temperature

2 Applications
• High Performance Computing
• Server Motherboard
• NIC/SmartNIC
• Hardware Accelerator

3 Description
The LMKDB devices are a family of extremely-lowjitter
LP-HCSL buffers and MUX that support PCIe
Gen 1 to Gen 6 and are DB2000QL compliant. The
devices provide flexible power-up sequence, fail-safe
inputs, individual output enable and disable pins, loss
of input signal (LOS) detection and automatic output
disable features, as well as excellent power supply
noise rejection performance.
Both 1.8V and 3.3V supply voltages are supported.
For LMKDB1120, 1.8V power supply saves 250mW
power compared to 3.3V.




Similar Part No. - LMKDB1102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMKDB1102 TI-LMKDB1102 Datasheet
2Mb / 70P
LMKDB1120 and LMKDB1108 Ultra-Low Jitter PCIe Gen 1 to Gen 6 LP-HCSL Clock Buffers
NOVEMBER 2023
LMKDB1102 TI1-LMKDB1102 Datasheet
2Mb / 64P
LMKDB1120 and LMKDB1108 Ultra-Low Jitter PCIe Gen 1 to Gen 6 LP-HCSL Clock Buffers
DECEMBER 2023
LMKDB1102 TI1-LMKDB1102 Datasheet
3Mb / 82P
LMKDB1xxx PCIe Gen 1 to Gen 6 Ultra Low Jitter 1:20, 1:8, 1:4, 1:2, 2:4, 2:2 LP-HCSL Clock Buffer and Clock MUX
MAY 2024
LMKDB1102 TI1-LMKDB1102 Datasheet
4Mb / 96P
LMKDB1xxx PCIe Gen 1 to Gen 6 Ultra Low Jitter 1:20, 1:8, 1:4, 1:2, 2:4, 2:2 LP-HCSL Clock Buffer and Clock MUX
JUNE 2024
LMKDB1102 TI1-LMKDB1102 Datasheet
4Mb / 99P
LMKDB1xxx PCIe Gen 1 to Gen 6 Ultra Low Jitter 1:20, 1:8, 1:4, 1:2, 2:4, 2:2 LP-HCSL Clock Buffer and Clock MUX
REVISED JUNE 2024
More results


Similar Description - LMKDB1102

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI53102-A1 SILABS-SI53102-A1 Datasheet
1Mb / 15P
PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 1:2 FAN-OUT CLOCK BUFFER
SI53323 SILABS-SI53323 Datasheet
1Mb / 23P
1:4 LOW-JITTER LVPECL CLOCK BUFFER WITH 2:1 INPUT MUX
SI53340 SILABS-SI53340 Datasheet
3Mb / 23P
1:4 LOW-JITTER LVDS CLOCK BUFFER WITH 2:1 INPUT MUX
SI53360 SILABS-SI53360 Datasheet
1Mb / 15P
1:8 LOW JITTER CMOS CLOCK BUFFER WITH 2:1 INPUT MUX
logo
Integrated Device Techn...
9FGV0231 IDT-9FGV0231_17 Datasheet
281Kb / 16P
2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
logo
Microchip Technology
SY75602A MICROCHIP-SY75602A Datasheet
1Mb / 26P
2/4 Outputs Ultra-Low Additive Jitter PCIe 1/2/3/4/5 Clock Buffer
09/14/21
logo
Renesas Technology Corp
9FGV0231 RENESAS-9FGV0231 Datasheet
673Kb / 17P
2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
JUNE 6, 2019
9FGV0241 RENESAS-9FGV0241 Datasheet
616Kb / 15P
2-OUTPUT VERY LOW POWER PCIE GEN 1–4 CLOCK GENERATOR
November 16, 2022
logo
Skyworks Solutions Inc.
SI53102-A1 SKYWORKS-SI53102-A1 Datasheet
756Kb / 15P
PCI-Express Gen 1, Gen 2, Gen 3, and Gen 4 1:2 Fan-out Clock Buffer
Rev. 1.4
logo
Texas Instruments
LMKDB1120 TI-LMKDB1120 Datasheet
2Mb / 70P
LMKDB1120 and LMKDB1108 Ultra-Low Jitter PCIe Gen 1 to Gen 6 LP-HCSL Clock Buffers
NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com