Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MH16S72BAMD-7 Datasheet (PDF) - Mitsubishi Electric Semiconductor

MH16S72BAMD-7 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # MH16S72BAMD-7
Download  MH16S72BAMD-7 Download
File Size   592.96 Kbytes
Page   55 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 1207959552-BIT (16777216 - WORD BY 72-BIT)SynchronousDRAM

MH16S72BAMD-7 Datasheet (PDF)

Go To PDF Page Download Datasheet
MH16S72BAMD-7 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # MH16S72BAMD-7
Download  MH16S72BAMD-7 Click to download

File Size   592.96 Kbytes
Page   55 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 1207959552-BIT (16777216 - WORD BY 72-BIT)SynchronousDRAM

MH16S72BAMD-7 Datasheet (HTML) - Mitsubishi Electric Semiconductor


MH16S72BAMD-7 Product details

DESCRIPTION
The MH16S72BAMD is 16777216 - word by 72-bit Synchronous DRAM module. This consists of eighteen industry standard 8Mx8 Synchronous DRAMs in TSOP and one industory standard EEPROM in TSSOP.
The mounting of TSOP on a card edge Dual Inline package provides any application where high densities and large quantities of memory are required.
This is a socket type - memory modules, suitable for easy interchange or addition of modules.

FEATURES
• Utilizes industry standard 8M x 8 Synchronous DRAMs TSOP and industry standard EEPROM in TSSOP
• 168-pin (84-pin dual in-line package)
• single 3.3V±0.3V power supply
• Clock frequency 100MHz
• Fully synchronous operation referenced to clock rising edge
• 4 bank operation controlled by BA0,1(Bank Address)
• /CAS latency- 2/3(programmable)
• Burst length- 1/2/4/8/Full Page(programmable)
• Burst type- sequential / interleave(programmable)
• Column access - random
• Auto precharge / All bank precharge controlled by A10
• Auto refresh and Self refresh
• 4096 refresh cycle /64ms
• LVTTL Interface
• Discrete IC and module design conform to PC100 specification.
   (module Spec. Rev. 1.0 and SPD 1.2A(-7,-8), SPD 1.0(-10))

APPLICATION
   PC main memory




Similar Part No. - MH16S72BAMD-7

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH16S72BAMD-6 MITSUBISHI-MH16S72BAMD-6 Datasheet
582Kb / 40P
1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
More results


Similar Description - MH16S72BAMD-7

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH16S64FFB-10 MITSUBISHI-MH16S64FFB-10 Datasheet
580Kb / 55P
1073741824-BIT (16777216 - WORD BY 64-BIT)SynchronousDRAM
MH16S64PHB-7 MITSUBISHI-MH16S64PHB-7 Datasheet
589Kb / 55P
1073741824-BIT (16777216 - WORD BY 64-BIT)SynchronousDRAM
MH16S72AMA-8 MITSUBISHI-MH16S72AMA-8 Datasheet
1Mb / 52P
1207959552-BIT (16777216 - WORD BY 72-BIT)SynchronousDRAM
MH16S72DAMD-6 MITSUBISHI-MH16S72DAMD-6 Datasheet
718Kb / 55P
1207959552-BIT (16777216 - WORD BY 72-BIT)Synchronous DRAM
MH16S72PHB-7 MITSUBISHI-MH16S72PHB-7 Datasheet
590Kb / 55P
1207959552-BIT (16777216 - WORD BY 72-BIT)SynchronousDRAM
MH16S72PHC-7 MITSUBISHI-MH16S72PHC-7 Datasheet
591Kb / 55P
1207959552-BIT (16777216 - WORD BY 72-BIT)SynchronousDRAM
MH16S72PJB-7 MITSUBISHI-MH16S72PJB-7 Datasheet
733Kb / 56P
1207959552-BIT ( 16777216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH16V725BATJ-5 MITSUBISHI-MH16V725BATJ-5 Datasheet
149Kb / 22P
HYPER PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16V725BWJ-5 MITSUBISHI-MH16V725BWJ-5 Datasheet
129Kb / 22P
HYPER PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16V72AWJ-5 MITSUBISHI-MH16V72AWJ-5 Datasheet
195Kb / 20P
FAST PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com