Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RLT405-300MGE Datasheet (PDF) - Roithner LaserTechnik GmbH

RLT405-300MGE Datasheet PDF - Roithner LaserTechnik GmbH
Part # RLT405-300MGE
Download  RLT405-300MGE Download
File Size   610.88 Kbytes
Page   3 Pages
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH
Description Violet Laser Diode

RLT405-300MGE Datasheet (PDF)

Go To PDF Page Download Datasheet
RLT405-300MGE Datasheet PDF - Roithner LaserTechnik GmbH

Part # RLT405-300MGE
Download  RLT405-300MGE Click to download

File Size   610.88 Kbytes
Page   3 Pages
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH
Description Violet Laser Diode

RLT405-300MGE Datasheet (HTML) - Roithner LaserTechnik GmbH


RLT405-300MGE Product details

Description
RLT405-300MGE is a violet Fabry Perot laser diode, typically emitting at 405 nm. It features single transverse mode emission and wide operating temperature range of up to 70°C. It is an efficient radiation source for many applications like laser projection, holography, metrology, or use in the biomedical field. RLT405-300MGE comes in 5.6 mm TO-Can.
Additional options like closer peak wavelength selection to ±5 nm are available on request.




Similar Part No. - RLT405-300MGE

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLT405-1000MGE ROITHNER-RLT405-1000MGE Datasheet
336Kb / 2P
Violet High Power Laser Diode
05 / 2023
RLT405-10MGS ROITHNER-RLT405-10MGS Datasheet
583Kb / 3P
Violet Laser Diode
08 / 2020
RLT405-120MGE ROITHNER-RLT405-120MGE Datasheet
663Kb / 3P
Violet Laser Diode
Rev. 03 / 2021
RLT405-120MGS ROITHNER-RLT405-120MGS Datasheet
667Kb / 3P
Violet Laser Diode
Rev. 03 / 2021
RLT405-150MGE ROITHNER-RLT405-150MGE Datasheet
661Kb / 3P
Violet Laser Diode
Rev. 03 / 2021
More results


Similar Description - RLT405-300MGE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NDHV310APB ETC1-NDHV310APB Datasheet
324Kb / 3P
Violet Laser Diode
logo
NICHIA CORPORATION
NDV4313 NICHIA-NDV4313 Datasheet
171Kb / 3P
Violet Laser Diode
NDV4316E NICHIA-NDV4316E Datasheet
396Kb / 3P
Violet Laser Diode
NDV4916E NICHIA-NDV4916E Datasheet
373Kb / 3P
Violet Laser Diode
logo
Roithner LaserTechnik G...
RLV4212 ROITHNER-RLV4212 Datasheet
178Kb / 3P
Violet Laser Diode
logo
NICHIA CORPORATION
NDV4B16-E NICHIA-NDV4B16-E Datasheet
201Kb / 3P
Violet Laser Diode
NDV4916E-E NICHIA-NDV4916E-E Datasheet
201Kb / 3P
Violet Laser Diode
logo
Roithner LaserTechnik G...
LD-450-80MG ROITHNER-LD-450-80MG Datasheet
354Kb / 3P
Violet Laser Diode
RLT405200MGS ROITHNER-RLT405200MGS Datasheet
439Kb / 3P
Violet Laser Diode
logo
NICHIA CORPORATION
NDV4916 NICHIA-NDV4916 Datasheet
167Kb / 3P
Violet Laser Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com