Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RLT1490-10MGS-B Datasheet (PDF) - Roithner LaserTechnik GmbH

RLT1490-10MGS-B Datasheet PDF - Roithner LaserTechnik GmbH
Part # RLT1490-10MGS-B
Download  RLT1490-10MGS-B Download
File Size   561.04 Kbytes
Page   2 Pages
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH
Description DFB Laser Diode

RLT1490-10MGS-B Datasheet (PDF)

Go To PDF Page Download Datasheet
RLT1490-10MGS-B Datasheet PDF - Roithner LaserTechnik GmbH

Part # RLT1490-10MGS-B
Download  RLT1490-10MGS-B Click to download

File Size   561.04 Kbytes
Page   2 Pages
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH
Description DFB Laser Diode

RLT1490-10MGS-B Datasheet (HTML) - Roithner LaserTechnik GmbH


RLT1490-10MGS-B Product details

Description
RLT1490-10MGS-B is an IR distributed feedback (DFB) laser diode, typically emitting at 1490 nm. It features an emitter with single transverse mode emission and wide operating temperature range.
RLT1490-10MGS-B is supplied in a 5.6 mm 4-pin TO-Can package with an integrated PD and non-spherical lens.
Additional options like closer peak wavelength selection, flat window or other pin configuration are available on request.




Similar Part No. - RLT1490-10MGS-B

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLT1410-10MGS-B ROITHNER-RLT1410-10MGS-B Datasheet
626Kb / 2P
Infrared Laser Diode
Rev. 02/2021
RLT1430-10MGS ROITHNER-RLT1430-10MGS Datasheet
548Kb / 2P
Infrared DFB Laser Diode
01 / 2023
RLT1450-10MGS-B ROITHNER-RLT1450-10MGS-B Datasheet
588Kb / 2P
Infrared Laser Diode
12 / 2018
RLT1450-2W-E ROITHNER-RLT1450-2W-E Datasheet
367Kb / 2P
Infrared Laser Diode
10 / 2022
RLT1450-2W-H ROITHNER-RLT1450-2W-H Datasheet
331Kb / 2P
Infrared Laser Diode
10 / 2022
More results


Similar Description - RLT1490-10MGS-B

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML7XX16 MITSUBISHI-ML7XX16 Datasheet
51Kb / 2P
2.5Gbps InGaAsP DFB LASER DIODE
ML7XX32 MITSUBISHI-ML7XX32 Datasheet
71Kb / 2P
10Gbps InGaAsP DFB LASER DIODE
ML9XX40 MITSUBISHI-ML9XX40 Datasheet
211Kb / 3P
2.5Gbps InGaAsP DFB LASER DIODE
logo
Optoway Technology Inc
DL-5300S-1625 OPTOWAY-DL-5300S-1625 Datasheet
91Kb / 2P
1625 nm DFB LASER DIODE MODULE 1625 nm DFB LASER DIODE MODULE
logo
Emcore Corporation
1933F EMCORE-1933F_12 Datasheet
480Kb / 6P
Coaxial DFB Laser Diode
1935F EMCORE-1935F Datasheet
504Kb / 6P
Coaxial DFB Laser Diode
1542 EMCORE-1542 Datasheet
787Kb / 4P
Microwave DFB Laser Microwave DFB Laser
logo
Roithner LaserTechnik G...
RLT1310-20MGS ROITHNER-RLT1310-20MGS Datasheet
526Kb / 2P
Infrared DFB Laser Diode
RLT1310-30MGS ROITHNER-RLT1310-30MGS Datasheet
526Kb / 2P
Infrared DFB Laser Diode
RLT1550-20MGS ROITHNER-RLT1550-20MGS Datasheet
526Kb / 2P
Infrared DFB Laser Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com