Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MHODB2449 Datasheet (PDF) - PCTEL, Inc.

MHODB2449 Datasheet PDF - PCTEL, Inc.
Part # MHODB2449
Download  MHODB2449 Download
File Size   158.48 Kbytes
Page   1 Pages
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.
Description PCTEL Dual-Band High Performance Omnidirectional Antennas

MHODB2449 Datasheet (PDF)

Go To PDF Page Download Datasheet
MHODB2449 Datasheet PDF - PCTEL, Inc.

Part # MHODB2449
Download  MHODB2449 Click to download

File Size   158.48 Kbytes
Page   1 Pages
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.
Description PCTEL Dual-Band High Performance Omnidirectional Antennas

MHODB2449 Datasheet (HTML) - PCTEL, Inc.


MHODB2449 Product details

Features
Slender, rugged housing (1.25” OD)
Innovative vented design for upright or inverted mounting
White UV-resistant radome protects the antenna elements from environmental factors
Black UV-resistant radome available on select models




Similar Part No. - MHODB2449

ManufacturerPart #DatasheetDescription
logo
PCTEL, Inc.
MHODB24490507-IP PCTEL-MHODB24490507-IP Datasheet
138Kb / 1P
PCTEL Dual-Band High Performance Omnidirectional Antenna
MHODB24490507NF-IP PCTEL-MHODB24490507NF-IP Datasheet
138Kb / 1P
PCTEL Dual-Band High Performance Omnidirectional Antenna
MHODB24490507NM-IP PCTEL-MHODB24490507NM-IP Datasheet
138Kb / 1P
PCTEL Dual-Band High Performance Omnidirectional Antenna
More results


Similar Description - MHODB2449

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT859DBDDAW ETC2-ANT859DBDDAW Datasheet
197Kb / 1P
DUAL BAND ANTENNAS
FG4060 ETC2-FG4060 Datasheet
86Kb / 2P
Fiberglass Omnidirectional Wireless Antennas
logo
Pulse A Technitrol Comp...
RO2408NMU PULSE-RO2408NMU Datasheet
930Kb / 3P
Omnidirectional 2.4 GHz Antennas With Up- and Down-Tilt
logo
Laird Tech Smart Techno...
FG16397 LSTD-FG16397 Datasheet
1Mb / 2P
Quad-band Omnidirectional Antenna
logo
Texas Instruments
CC1352R TI1-CC1352R Datasheet
1Mb / 54P
SimpleLink High-Performance Dual-Band Wireless MCU
logo
Laird Tech Smart Techno...
FG4500 LSTD-FG4500 Datasheet
383Kb / 1P
Fiberglass Omnidirectional Antennas 450~470 MHz
FG9023 LSTD-FG9023 Datasheet
1Mb / 1P
FIBERGLASS OMNIDIRECTIONAL ANTENNAS
logo
u-blox AG
ANN-MB U-BLOX-ANN-MB Datasheet
923Kb / 12P
Multi-band, high precision GNSS antennas
logo
PCTEL, Inc.
GLHPDLTE-SF PCTEL-GLHPDLTE-SF Datasheet
285Kb / 2P
GNSS Multi-Band Antennas, 5G & 4G Dual LTE with 802.11ac
MFB PCTEL-MFB Datasheet
297Kb / 4P
Fiberglass Base Station Omnidirectional Antennas
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com