Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB89PV820CF Datasheet (PDF) - fujitsu semiconductor

MB89PV820CF Datasheet PDF - fujitsu semiconductor
Part # MB89PV820CF
Download  MB89PV820CF Download
File Size   380.96 Kbytes
Page   38 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8-bit Proprietary Microcontroller

MB89PV820CF Datasheet (PDF)

Go To PDF Page Download Datasheet
MB89PV820CF Datasheet PDF - fujitsu semiconductor

Part # MB89PV820CF
Download  MB89PV820CF Click to download

File Size   380.96 Kbytes
Page   38 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8-bit Proprietary Microcontroller

MB89PV820CF Datasheet (HTML) - fujitsu semiconductor


MB89PV820CF Product details

■ DESCRIPTION
MB89820 series is a line of single-chip microcontrollers using the F2MC-8L* CPU core which can operate at low voltage but at high speed. In addition to an LCD controller/driver allowing 200-pixel display the microcontrollers contain a variety of peripheral functions such as timers, a UART, a serial interface, and an external interrupt. The configuration of the MB89820 series is therefore best suited to control of LCD display panels.

■ FEATURES
• Minimum execution time : 0.8 µs/5 MHz (VCC = +5.0 V)
• F2MC-8L family CPU core
    Instruction set optimized for controllers
                              Multiplication and division instructions
                              16-bit arithmetic operations
                              Test and branch instructions
                              Bit manipulation instructions, etc.
• LCD controller/driver
    Max 50 segments × 4 commons
    Divided resistor for LCD power supply
• Three types of timers
    8-bit PWM timer (also usable as a reload timer)
    8-bit pulse width count timer (also usable as a reload timer)
    20-bit time-base timer
• Two serial interfaces
    8-bit synchronous serial interface (Switchable transfer direction allows communication with various equipment.)
    UART (5-, 7-, 8-bit transfer capable)
• External interrupt : 2 channels
    Capable of wake-up from low-power consumption modes (with an edge detection function)
• Low-power consumption modes
    Stop mode (Oscillation stops to minimize the current consumption.)
    Sleep mode (The CPU stops to reduce the current consumption to approx. 1/3 of normal.)




Similar Part No. - MB89PV820CF

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89PV820CF FUJITSU-MB89PV820CF Datasheet
573Kb / 43P
8-bit Proprietary Microcontroller
More results


Similar Description - MB89PV820CF

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
8-bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
8-Bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
8-bit Proprietary Microcontroller
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com