Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMBD330WS Datasheet (PDF) - Pan Jit International Inc.

MMBD330WS Datasheet PDF - Pan Jit International Inc.
Part # MMBD330WS_V01
Download  MMBD330WS Download
File Size   136.42 Kbytes
Page   5 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE

MMBD330WS Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBD330WS Datasheet PDF - Pan Jit International Inc.

Part # MMBD330WS_V01
Download  MMBD330WS Click to download

File Size   136.42 Kbytes
Page   5 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE

MMBD330WS Datasheet (HTML) - Pan Jit International Inc.


MMBD330WS Product details

FEATURES
Low Capacitance : 1.5 pF (Max) at VR=15V
Very Low VF : 0.36V (Typ) at IF = 1mA
Extremely Fast Switching Speed
Lead free in compliance with EU RoHS 2011/65/EU directive
Green molding compound as per IEC61249 Std. . (Halogen Free)




Similar Part No. - MMBD330WS_V01

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD330WS PANJIT-MMBD330WS_09 Datasheet
74Kb / 3P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
MMBD330WS PANJIT-MMBD330WS_15 Datasheet
122Kb / 5P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
MMBD330WS PANJIT-MMBD330WS_16 Datasheet
137Kb / 5P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
MMBD330WS_R1_00001 PANJIT-MMBD330WS_R1_00001 Datasheet
137Kb / 5P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
MMBD330WS_R2_00001 PANJIT-MMBD330WS_R2_00001 Datasheet
137Kb / 5P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
More results


Similar Description - MMBD330WS_V01

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD101 PANJIT-MMBD101 Datasheet
85Kb / 3P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
MMBD101 PANJIT-MMBD101_05 Datasheet
84Kb / 3P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
MMBD101W PANJIT-MMBD101W Datasheet
89Kb / 3P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
MMBD101 PANJIT-MMBD101_07 Datasheet
133Kb / 3P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
MMBD101TS PANJIT-MMBD101TS Datasheet
110Kb / 3P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
MMBD101WS PANJIT-MMBD101WS Datasheet
67Kb / 3P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
MMBD330W PANJIT-MMBD330W_09 Datasheet
107Kb / 3P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
MMBD330WS PANJIT-MMBD330WS_09 Datasheet
74Kb / 3P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
MMBD330WS PANJIT-MMBD330WS_15 Datasheet
122Kb / 5P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
MMBD330WS PANJIT-MMBD330WS_16 Datasheet
137Kb / 5P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com