Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SB1645F Datasheet (PDF) - Won-Top Electronics

SB1645F Datasheet PDF - Won-Top Electronics
Part # SB1645F
Download  SB1645F Download
File Size   55.67 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 16A SCHOTTKY BARRIER RECTIFIER

SB1645F Datasheet (PDF)

Go To PDF Page Download Datasheet
SB1645F Datasheet PDF - Won-Top Electronics

Part # SB1645F
Download  SB1645F Click to download

File Size   55.67 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 16A SCHOTTKY BARRIER RECTIFIER

SB1645F Datasheet (HTML) - Won-Top Electronics


SB1645F Product details

Schottky Barrier Chip
Guard Ring for Transient Protection
Low Forward Voltage Drop
Low Power Loss, High Efficiency
High Surge Current Capability
Epoxy Meets UL 94V-0 Classification
Ideally Suited for Use in High Frequency
SMPS, Inverters and As Free Wheeling Diodes




Similar Part No. - SB1645F

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB1645FCT WTE-SB1645FCT Datasheet
49Kb / 4P
16A DUAL SCHOTTKY BARRIER RECTIFIER
logo
Gulf Semiconductor
SB1645FCT GULFSEMI-SB1645FCT Datasheet
128Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 16.0A
logo
Pan Jit International I...
SB1645FCT PANJIT-SB1645FCT Datasheet
92Kb / 2P
ISOLATION SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB1645FCT WTE-SB1645FCT Datasheet
56Kb / 4P
16A DUAL SCHOTTKY BARRIER RECTIFIER
September, 2012
More results


Similar Description - SB1645F

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB1620CT WTE-SB1620CT Datasheet
39Kb / 3P
16A SCHOTTKY BARRIER RECTIFIER
SB1630 WTE-SB1630 Datasheet
48Kb / 3P
16A SCHOTTKY BARRIER RECTIFIER
SB1630PT WTE-SB1630PT Datasheet
49Kb / 3P
16A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SBL1630 DIODES-SBL1630 Datasheet
66Kb / 2P
16A SCHOTTKY BARRIER RECTIFIER
DS23045 Rev. C-2
logo
SemiWell Semiconductor
F16M40CT SEMIWELL-F16M40CT Datasheet
165Kb / 3P
16A Schottky Barrier Rectifier
P16M40CT SEMIWELL-P16M40CT Datasheet
157Kb / 3P
16A Schottky Barrier Rectifier
logo
Diodes Incorporated
SBL1630CT DIODES-SBL1630CT_1 Datasheet
70Kb / 3P
16A SCHOTTKY BARRIER RECTIFIER
DS23014 Rev. 7 - 2
SBL1640CT DIODES-SBL1640CT Datasheet
93Kb / 3P
16A SCHOTTKY BARRIER RECTIFIER
Rev erse
MBR1635 DIODES-MBR1635_15 Datasheet
160Kb / 4P
16A SCHOTTKY BARRIER RECTIFIER
Rev 9
SBL1630PT DIODES-SBL1630PT_15 Datasheet
63Kb / 3P
16A SCHOTTKY BARRIER RECTIFIER
Rev erse
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com