Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AO3416 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

AO3416 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # AO3416
Download  AO3416 Download
File Size   2490.89 Kbytes
Page   5 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description N-Channel Enhancement MOSFET

AO3416 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO3416 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # AO3416
Download  AO3416 Click to download

File Size   2490.89 Kbytes
Page   5 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description N-Channel Enhancement MOSFET

AO3416 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


AO3416 Product details

Features
VDS (V) = 20V
ID = 6.5 A (VGS = 4.5V)
RDS(ON) < 22mΩ (VGS = 4.5V)
RDS(ON) < 26mΩ (VGS = 2.5V)
RDS(ON) < 34mΩ (VGS = 1.8V)




Similar Part No. - AO3416

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AO3416 ETC1-AO3416 Datasheet
123Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO3416 AOSMD-AO3416 Datasheet
417Kb / 5P
20V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO3416 KEXIN-AO3416 Datasheet
2Mb / 4P
N-Channel Enhancement MOSFET
logo
VBsemi Electronics Co.,...
AO3416 VBSEMI-AO3416 Datasheet
1Mb / 9P
N-Channel 30-V (D-S) MOSFET
logo
Guangdong Kexin Industr...
AO3416-HF KEXIN-AO3416-HF Datasheet
2Mb / 4P
N-Channel MOSFET
More results


Similar Description - AO3416

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
N-Channel Enhancement MOSFET
KX6N70F KEXIN-KX6N70F Datasheet
4Mb / 4P
N-Channel Enhancement MOSFET
SI2324DS KEXIN-SI2324DS Datasheet
2Mb / 6P
N-Channel Enhancement MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com