Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PMBT3906 Datasheet (PDF) - NXP Semiconductors

PMBT3906 Datasheet PDF - NXP Semiconductors
Part # PMBT3906
Download  PMBT3906 Download
File Size   46.85 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description PNP switching transistor

PMBT3906 Datasheet (PDF)

Go To PDF Page Download Datasheet
PMBT3906 Datasheet PDF - NXP Semiconductors

Part # PMBT3906
Download  PMBT3906 Click to download

File Size   46.85 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description PNP switching transistor

PMBT3906 Datasheet (HTML) - NXP Semiconductors


PMBT3906 Product details

DESCRIPTION
PNP switching transistor in a SOT23 plastic package.
NPN complement: PMBT3904.

FEATURES
• Low current (max. 100 mA)
• Low voltage (max. 40 V).

APPLICATIONS
• Telephony and professional communication equipment.




Similar Part No. - PMBT3906

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBT3906 NXP-PMBT3906 Datasheet
126Kb / 11P
PNP switching transistor
Rev. 06-2 March 2010
PMBT3906 NXP-PMBT3906 Datasheet
126Kb / 11P
PNP switching transistor
Rev. 06-2 March 2010
logo
Nexperia B.V. All right...
PMBT3906 NEXPERIA-PMBT3906 Datasheet
658Kb / 11P
PNP switching transistor
Rev. 06 - 2 March 2010
logo
NXP Semiconductors
PMBT3906215 NXP-PMBT3906215 Datasheet
126Kb / 11P
PNP switching transistor
Rev. 06-2 March 2010
PMBT3906M NXP-PMBT3906M Datasheet
92Kb / 11P
40 V, 200 mA PNP switching transistor
Rev. 01-22 July 2009
More results


Similar Description - PMBT3906

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMSS3906 PHILIPS-PMSS3906 Datasheet
45Kb / 8P
PNP switching transistor
1999 Apr 22
PMST2907A PHILIPS-PMST2907A Datasheet
45Kb / 8P
PNP switching transistor
1999 Apr 22
PZT4403 PHILIPS-PZT4403 Datasheet
62Kb / 8P
PNP switching transistor
1999 May 10
logo
Fairchild Semiconductor
PN3640 FAIRCHILD-PN3640_01 Datasheet
454Kb / 10P
PNP Switching Transistor
logo
Guangdong Kexin Industr...
BSR18A KEXIN-BSR18A Datasheet
45Kb / 2P
PNP Switching Transistor
PXT2907A KEXIN-PXT2907A Datasheet
59Kb / 2P
PNP Switching Transistor
logo
Chenmko Enterprise Co. ...
CHT2907ZPT CHENMKO-CHT2907ZPT Datasheet
157Kb / 6P
PNP Switching Transistor
logo
NXP Semiconductors
PMBT4403215 NXP-PMBT4403215 Datasheet
128Kb / 7P
PNP switching transistor
2004 Jan 21
logo
AiT Semiconductor Inc.
MBT3906L AITSEMI-MBT3906L Datasheet
1Mb / 8P
SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.2
MMBT2907AL AITSEMI-MMBT2907AL Datasheet
1Mb / 8P
SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.3
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com