Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AC-HA000799 Datasheet (PDF) - Amphenol Corporation

AC-HA000799 Datasheet PDF - Amphenol Corporation
Part # AC-HA000799
Download  AC-HA000799 Download
File Size   568.26 Kbytes
Page   1 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description PwrLok 10mm 2POS Rcpt Conn

AC-HA000799 Datasheet (PDF)

Go To PDF Page Download Datasheet
AC-HA000799 Datasheet PDF - Amphenol Corporation

Part # AC-HA000799
Download  AC-HA000799 Click to download

File Size   568.26 Kbytes
Page   1 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description PwrLok 10mm 2POS Rcpt Conn

AC-HA000799 Datasheet (HTML) - Amphenol Corporation




Similar Part No. - AC-HA000799

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AC-HA001132 AMPHENOL-AC-HA001132 Datasheet
563Kb / 1P
Pwrlok 10mm 3POS Rept Conn
05/10/17
AC-HA001133 AMPHENOL-AC-HA001133 Datasheet
563Kb / 1P
Pwrlok 10mm 3POS Rept Conn
05/10/17
AC-HA001136 AMPHENOL-AC-HA001136 Datasheet
563Kb / 1P
Pwrlok 10mm 3POS Rept Conn
05/10/17
AC-HA001137 AMPHENOL-AC-HA001137 Datasheet
563Kb / 1P
Pwrlok 10mm 3POS Rept Conn
05/10/17
AC-HA001138 AMPHENOL-AC-HA001138 Datasheet
563Kb / 1P
Pwrlok 10mm 3POS Rept Conn
05/10/17
More results


Similar Description - AC-HA000799

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1775441-2 MACOM-1775441-2 Datasheet
116Kb / 2P
EMIX CONN. 1.5mm PITCH RCPT, HOUSING
172157-1 MACOM-172157-1 Datasheet
38Kb / 1P
2Pos MINI UNIVERSAL MATE-N-LOCK CONN.
logo
Molex Electronics Ltd.
0987881101 MOLEX1-0987881101 Datasheet
34Kb / 1P
NSCC Rcpt Conn 1.5 Sld W/ Blk 10Ckt
logo
Global Connector Techno...
USB4085-GF-A GCT-USB4085-GF-A Datasheet
212Kb / 3P
CONN RCPT USB2.0 TYPE C 168POS
logo
JST Mfg. Co., Ltd.
SPS-01T-187 JST-SPS-01T-187 Datasheet
22Kb / 1P
CONN QC RCPT 20-26AWG 0.187
logo
Japan Aviation Electron...
DB-25S-N JAE-DB-25S-N Datasheet
319Kb / 1P
CONN D-SUB RCPT 25POS PNL MNT
DD-50SF-N JAE-DD-50SF-N Datasheet
122Kb / 1P
CONN D-SUB RCPT 50POS PNL MNT
logo
Molex Electronics Ltd.
SD-98816-005 MOLEX-SD-98816-005 Datasheet
638Kb / 2P
UCCA RCPT CONN UNSEALED 1.5 10CKT
Rev. E 2006/04/15
logo
Samtec, Inc
TSW-102-08-L-S-RA SAMTEC-TSW-102-08-L-S-RA Datasheet
19Kb / 1P
CONN HEADER R/A 2POS 2.54MM
logo
Molex Electronics Ltd.
430250808 MOLEX11-430250808 Datasheet
434Kb / 10P
CONN RCPT HSG 8POS 3.00MM
2017/10/27
More results




About Amphenol Corporation


Amphenol Corporation is a global manufacturer of interconnect products, including connectors and cable assemblies, for various markets such as telecommunications, industrial, automotive, military, aerospace and medical.

The company was founded in 1932 and is headquartered in Wallingford, Connecticut.

Amphenol has a broad product portfolio that includes circular, rectangular, fiber optic, and high-speed interconnects, as well as coaxial and specialty cable assemblies.

The company's products are used in a wide range of applications, from smartphones and laptops to aircraft, automobiles, and military systems.

With operations and facilities in over 60 countries, Amphenol has a strong global presence in the interconnect solutions market.

The company is known for its innovation and technology leadership, as well as its commitment to quality and customer service.

Amphenol has been recognized as one of the world's most ethical companies and has a long-standing reputation for responsible business practices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com