Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRFR120N Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

IRFR120N Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # IRFR120N
Download  IRFR120N Download
File Size   466.21 Kbytes
Page   7 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description MOSFET

IRFR120N Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFR120N Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRFR120N
Download  IRFR120N Click to download

File Size   466.21 Kbytes
Page   7 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description MOSFET

IRFR120N Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


IRFR120N Product details

Description
The D-PAK is designed for surface mounting
using vapor phase,infraredor wave soldering
techniques. Power dissipation levels up to
1.5 watts are possible in typical surface mount
applications.

Features
VDS (V) = 100V
ID = 9.4A (VGS = 10V)
RDS(ON) =210mW (VGS = 10V)




Similar Part No. - IRFR120N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR120N IRF-IRFR120N Datasheet
152Kb / 10P
HEXFET Power MOSFET
logo
Guangdong Youtai Semico...
IRFR120N UMW-IRFR120N Datasheet
536Kb / 7P
The D-PAK is designed for surface mounting using vapor phase,infraredor wave soldering techniques.
logo
Inchange Semiconductor ...
IRFR120N ISC-IRFR120N Datasheet
361Kb / 2P
isc N-Channel MOSFET Transistor
logo
TECH PUBLIC Electronics...
IRFR120N-TP TECHPUBLIC-IRFR120N-TP Datasheet
2Mb / 5P
N-Channel 100-V (D-S) MOSFET
logo
International Rectifier
IRFR120NCLPBF IRF-IRFR120NCLPBF Datasheet
396Kb / 11P
Surface Mount (IRFR120N)
More results


Similar Description - IRFR120N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3714PBF IRF-IRL3714PBF Datasheet
237Kb / 12P
SMPS MOSFET HEXFET짰Power MOSFET
IRF6217PBF IRF-IRF6217PBF Datasheet
125Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
IRF3708PBF IRF-IRF3708PBF Datasheet
282Kb / 11P
SMPS MOSFET HEXFET짰Power MOSFET
IRFP17N50LPBF IRF-IRFP17N50LPBF Datasheet
188Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
logo
Comchip Technology
2N7002-G COMCHIP-2N7002-G Datasheet
183Kb / 4P
MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Solid States Devices, I...
F00129H SSDI-F00129H Datasheet
188Kb / 3P
MOSFET
logo
Comchip Technology
BSS138-G COMCHIP-BSS138-G Datasheet
141Kb / 5P
MOSFET
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
logo
Infineon Technologies A...
IRL40T209 INFINEON-IRL40T209 Datasheet
1Mb / 11P
MOSFET IR MOSFET - StrongIRFETª
Rev. 2.0, 2018-05-05
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com