Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

5.0SMCJ40C Datasheet (PDF) - Won-Top Electronics

5.0SMCJ40C Datasheet PDF - Won-Top Electronics
Part # 5.0SMCJ40C
Download  5.0SMCJ40C Download
File Size   107.82 Kbytes
Page   6 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 5000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

5.0SMCJ40C Datasheet (PDF)

Go To PDF Page Download Datasheet
5.0SMCJ40C Datasheet PDF - Won-Top Electronics

Part # 5.0SMCJ40C
Download  5.0SMCJ40C Click to download

File Size   107.82 Kbytes
Page   6 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 5000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

5.0SMCJ40C Datasheet (HTML) - Won-Top Electronics


5.0SMCJ40C Product details

 Glass Passivated Die Construction
 5000W Peak Pulse Power Dissipation
 11V – 440V Standoff Voltage
 Uni- and Bi-Directional Versions Available
 Excellent Clamping Voltage
 Typical Response Time < 1nS
 Plastic Case Material has UL Flammability
Classification Rating 94V-0




Similar Part No. - 5.0SMCJ40C

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
5.0SMCJ40C YEASHIN-5.0SMCJ40C Datasheet
1Mb / 4P
Surface Mount Transient Voltage Suppressors
5.0SMCJ40CA YEASHIN-5.0SMCJ40CA Datasheet
1Mb / 4P
Surface Mount Transient Voltage Suppressors
logo
Rectron Semiconductor
5.0SMCJ40CA RECTRON-5.0SMCJ40CA Datasheet
521Kb / 6P
Reverse Voltage 11 ~ 440 V 5000 Watt Peak Pulse Power
logo
SMC Diode Solutions Co....
5.0SMCJ40CA SMCDIODE-5.0SMCJ40CA Datasheet
371Kb / 6P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev. D
More results


Similar Description - 5.0SMCJ40C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
5KP50CAS DIODES-5KP50CAS Datasheet
67Kb / 3P
5000W TRANSIENT VOLTAGE SUPPRESSOR
DS21504 Rev. H-2
logo
Won-Top Electronics
5KP WTE-5KP_06 Datasheet
71Kb / 6P
5000W TRANSIENT VOLTAGE SUPPRESSOR
5KP120 WTE-5KP120 Datasheet
62Kb / 5P
5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
5KP5 TAITRON-5KP5 Datasheet
202Kb / 6P
5000W Transient Voltage Suppressor
logo
Comchip Technology
5KP-G COMCHIP-5KP-G Datasheet
100Kb / 5P
5000W Transient Voltage Suppressor
logo
Digitron Semiconductors
5KP5.0 DIGITRON-5KP5.0 Datasheet
291Kb / 4P
5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
5KP-HF COMCHIP-5KP-HF Datasheet
104Kb / 5P
5000W Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
5.0SMDJ TSC-5.0SMDJ Datasheet
406Kb / 6P
5000W, 16V - 100V Surface Mount Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
5KP LEIDITECH-5KP Datasheet
629Kb / 5P
5000W Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
5KSMC10AH TSC-5KSMC10AH Datasheet
451Kb / 5P
5000W, 10V- 40V Surface Mount Transient Voltage Suppressor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com