Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AO4805 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

AO4805 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # AO4805
Download  AO4805 Download
File Size   675.21 Kbytes
Page   6 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description Dual P-Channel MOSFET

AO4805 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4805 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # AO4805
Download  AO4805 Click to download

File Size   675.21 Kbytes
Page   6 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description Dual P-Channel MOSFET

AO4805 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


AO4805 Product details

General Description
The AO4805 uses advanced trench technology to
provide excellent RDS(ON), and ultra-low low gate
charge with a 25V gate rating. This device is suitable
for use as a load switch or in PWM applications.

Features
VDS (V) = -30V
ID = -9A
RDS(ON) < 15mΩ (VGS = 10V)
RDS(ON) < 19mΩ (VGS = 4.5V)




Similar Part No. - AO4805

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4805 AOSMD-AO4805 Datasheet
317Kb / 6P
Dual P-Channel Enhancement Mode Field Effect Transistor
AO4805 AOSMD-AO4805 Datasheet
254Kb / 5P
30V Dual P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4805 KEXIN-AO4805 Datasheet
1Mb / 4P
Dual P-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4805 VBSEMI-AO4805 Datasheet
1Mb / 9P
Dual P-Channel 30-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AO4805 DOINGTER-AO4805 Datasheet
1Mb / 4P
Dual P-Channel MOSFET uses advanced trench technology
More results


Similar Description - AO4805

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM14813AA-N ELM-TECH-ELM14813AA-N Datasheet
96Kb / 4P
Dual P-channel MOSFET
ELM18807BA-S ELM-TECH-ELM18807BA-S Datasheet
393Kb / 4P
Dual P-channel MOSFET
logo
Guangdong Kexin Industr...
AO6801A-HF KEXIN-AO6801A-HF Datasheet
1Mb / 4P
Dual P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM680P06D TSC-TSM680P06D Datasheet
461Kb / 6P
Dual P-Channel MOSFET
logo
ELM Electronics
ELM34803AA-N ELM-ELM34803AA-N Datasheet
1Mb / 4P
Dual P-channel MOSFET
ELM57801GA-S ELM-ELM57801GA-S Datasheet
1Mb / 5P
Dual P-channel MOSFET
logo
Guangdong Kexin Industr...
AO4801A-HF KEXIN-AO4801A-HF Datasheet
1Mb / 4P
Dual P-Channel MOSFET
AO4807 KEXIN-AO4807 Datasheet
2Mb / 5P
Dual P-Channel MOSFET
AO4817-HF KEXIN-AO4817-HF Datasheet
1Mb / 4P
Dual P-Channel MOSFET
AO4821 KEXIN-AO4821 Datasheet
1Mb / 4P
Dual P-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com