Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

5220110 Datasheet (PDF) - Turck, Inc.

5220110 Datasheet PDF - Turck, Inc.
Part # 5220110
Download  5220110 Download
File Size   232.35 Kbytes
Page   2 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Level controller 1-channel

5220110 Datasheet (PDF)

Go To PDF Page Download Datasheet
5220110 Datasheet PDF - Turck, Inc.

Part # 5220110
Download  5220110 Click to download

File Size   232.35 Kbytes
Page   2 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Level controller 1-channel

5220110 Datasheet (HTML) - Turck, Inc.


5220110 Product details

The 1-channel level control MS91-12-R monitors and regulates conductive liquid levels
(II). As a dual level regulator, it can be used
to control pumps and solenoid valves (I). As
monitoring device it is designed for run-dry or
over flow protection.
The sensitivity (liquid resistance) is adjustable
between 0.1 … 100 kò. One of the four sensitivity ranges is selected by the terminal configuration. Fine adjustment of the switch point
within the selected range is achieved with a
front cover potentiometer. The level controller
not only provides optimum reliability in differentiating liquids, it is also suited for the distinction between foam and liquid .
The adjustable switch-on and switch-off delay
is very important for turbulent liquid levels. A
delay time between 0.1 … 15 s can be set via
the potentiometer on the front.

Two parallely operating relay outputs with one
changover contact each are provided to output the switching commands. The output configuration of both outputs can be changed
from NC mode (no bridge between terminal
15/16) to NO mode (with bridge between terminals 15/16).
The switching status is indicated by a yellow
LED.
The switching status of the output is indicated
by a yellow LED and operational readiness by
a green LED.

■ Output: 2 relays with changeover contact
■ Responsivity: 0.2…100 kò
■ Removable terminal blocks
■ Switching of electrodes via auxiliary relay
■ Switch-on/off delay adjustable 0.1…15 s
■ Reliable distinction between foam and liquid
■ Galvanic isolation of input circuits, output
circuits and power supply




Similar Part No. - 5220110

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
5220 SCHURTER-5220 Datasheet
801Kb / 5P
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole
logo
List of Unclassifed Man...
5220 ETC2-5220 Datasheet
457Kb / 1P
BATTERY CONTACTS FOR MOLDED CASES
logo
Pomona Electronics
5220 POMONA-5220 Datasheet
139Kb / 1P
Pin Clips
logo
3M Electronics
5220 3M-5220 Datasheet
38Kb / 2P
DIP Clips for 8-14-16-20-24-40 Pin Clips And 8 Through 40 Pin DIP Removers
14-Aug-2016
logo
Schurter Inc.
5220 SCHURTER-5220 Datasheet
591Kb / 6P
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole
More results


Similar Description - 5220110

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16681 NEC-UPD16681 Datasheet
906Kb / 56P
LCD CONTROLLER/DRIVER FOR DOT MATRIX DISPLAY OF JIS LEVEL 1 AND JIS LEVEL 2 KANJI SETS
logo
STMicroelectronics
MK50H25 STMICROELECTRONICS-MK50H25 Datasheet
515Kb / 64P
HIGH SPEED LINK LEVEL CONTROLLER
Jul-1994
logo
Hitachi Semiconductor
HD66732 HITACHI-HD66732 Datasheet
5Mb / 131P
Hraphics Liquid Crystal Display Controller/Driver Supportiong JIS Level-1 and Level-2 Kangi ROM)
logo
Rohm
BD9300 ROHM-BD9300 Datasheet
66Kb / 3P
1-channel DC/DC converter controller
logo
List of Unclassifed Man...
AT1392 ETC1-AT1392 Datasheet
254Kb / 8P
1-Channel Synchronous Buck PWM Controller
logo
Aimtron Technology
AT1391 AIMTRON-AT1391 Datasheet
422Kb / 9P
1- Channel Step-Down PWM Controller
logo
Omron Electronics LLC
61F-GP-N8 OMRON-61F-GP-N8 Datasheet
399Kb / 10P
Conductive Level Controller
logo
STMicroelectronics
FLI8531 STMICROELECTRONICS-FLI8531 Datasheet
115Kb / 7P
Entry level LCD TV controller
25-Aug-2008
logo
Renesas Technology Corp
PD16681A RENESAS-PD16681A_15 Datasheet
1Mb / 58P
LCD CONTROLLER/DRIVER FOR DOT MATRIX DISPLAY OF JIS LEVEL 1 AND JIS LEVEL 2 KANJI SETS
logo
Feeling Technology Corp...
FP5101 FEELING-FP5101 Datasheet
734Kb / 20P
1 Channel Synchronous PWM Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com