Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RM150N100HD Datasheet (PDF) - Rectron Semiconductor

RM150N100HD Datasheet PDF - Rectron Semiconductor
Part # RM150N100HD
Download  RM150N100HD Download
File Size   276.21 Kbytes
Page   9 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description N-Channel Super Trench Power MOSFET

RM150N100HD Datasheet (PDF)

Go To PDF Page Download Datasheet
RM150N100HD Datasheet PDF - Rectron Semiconductor

Part # RM150N100HD
Download  RM150N100HD Click to download

File Size   276.21 Kbytes
Page   9 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description N-Channel Super Trench Power MOSFET

RM150N100HD Datasheet (HTML) - Rectron Semiconductor


RM150N100HD Product details

Description
The RM150N100HD uses Super Trench technology that is
uniquely optimized to provide the most efficient high
frequency switching performance. Both conduction and
switching power losses are minimized due to an extremely
low combination of RDS(ON) and Qg. This device is ideal for
high-frequency switching and synchronous rectification.

General Features
VDS =100V,ID =150A
RDS(ON) <4.2mΩ @ VGS=10V
Excellent gate charge x RDS(on) product
Very low on-resistance RDS(on)
175 °C operating temperature
Pb-free lead plating
100% UIS tested

Application
DC/DC Converter
Ideal for high-frequency switching and synchronous
rectification
Halogen-free




Similar Part No. - RM150N100HD

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM150N100ADF RECTRON-RM150N100ADF Datasheet
422Kb / 7P
N-Channel Super Trench Power MOSFET
2023-08/69 REV:A
RM150N100AHD RECTRON-RM150N100AHD Datasheet
498Kb / 7P
N-Channel Super Trench Power MOSFET
2019-01/15 REV:O
RM150N100AT2 RECTRON-RM150N100AT2 Datasheet
380Kb / 8P
N-Channel Super Trench Power MOSFET
2018-12/15 REV:O
RM150N100T2 RECTRON-RM150N100T2 Datasheet
242Kb / 9P
N-Channel Super Trench Power MOSFET
2018-11/15 REV:A
More results


Similar Description - RM150N100HD

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM185N30DF RECTRON-RM185N30DF Datasheet
245Kb / 6P
N-Channel Super Trench Power MOSFET
logo
Shenzhen Foster Semicon...
FIR150N10PG FOSTER-FIR150N10PG Datasheet
1Mb / 7P
N-Channel Super Trench Power MOSFET
logo
Shenzhen Huazhimei Semi...
HMS20N15K HMSEMI-HMS20N15K Datasheet
500Kb / 7P
N-Channel Super Trench Power MOSFET
HMS4296B HMSEMI-HMS4296B Datasheet
489Kb / 6P
N-Channel Super Trench Power MOSFET
HMS150N06D HMSEMI-HMS150N06D Datasheet
596Kb / 7P
N-Channel Super Trench Power MOSFET
HMS110N15 HMSEMI-HMS110N15 Datasheet
527Kb / 7P
N-Channel Super Trench Power MOSFET
HMS65N03Q HMSEMI-HMS65N03Q Datasheet
524Kb / 5P
N-Channel Super Trench Power MOSFET
HMS80N15 HMSEMI-HMS80N15 Datasheet
615Kb / 6P
N-Channel Super Trench Power MOSFET
HMS4240 HMSEMI-HMS4240 Datasheet
733Kb / 7P
N-Channel Super Trench Power MOSFET
logo
Shanghai Leiditech Elec...
LMPC100N20 LEIDITECH-LMPC100N20 Datasheet
770Kb / 6P
N-Channel Super Trench Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com