Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USG085R035H-T Datasheet (PDF) - Unisonic Technologies

USG085R035H-T Datasheet PDF - Unisonic Technologies
Part # USG085R035H-T
Download  USG085R035H-T Download
File Size   256.09 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 100A, 85V N-CHANNEL POWER

USG085R035H-T Datasheet (PDF)

Go To PDF Page Download Datasheet
USG085R035H-T Datasheet PDF - Unisonic Technologies

Part # USG085R035H-T
Download  USG085R035H-T Click to download

File Size   256.09 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 100A, 85V N-CHANNEL POWER

USG085R035H-T Datasheet (HTML) - Unisonic Technologies


USG085R035H-T Product details

 DESCRIPTION
The UTC USG085R035H-T is a N-channel Power MOSFET, it
uses UTC’s advanced technology to provide the customers with
low RDS(ON) characteristic by high cell density trench technology.
The UTC USG085R035H-T is suitable for high efficiency
synchronous rectification in SMPS, UPS, hard switched and high
frequency circuits.

 FEATURES
* RDS(ON) ≤ 3.5 mΩ @ VGS=10V, ID=50A
* High Switching Speed




Similar Part No. - USG085R035H-T

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
USG RUBYCON-USG Datasheet
56Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USG RUBYCON-USG Datasheet
262Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Caddock Electronics, In...
USG1105 CADDOCK-USG1105 Datasheet
613Kb / 1P
Type USG Ultra-Stable Precision High Voltage Resistors
USG1105-50.0M CADDOCK-USG1105-50.0M Datasheet
613Kb / 1P
Type USG Ultra-Stable Precision High Voltage Resistors
logo
RHOPOINT COMPONENTS
USG1105-50M-0.10-10 RHOPOINT-USG1105-50M-0.10-10 Datasheet
342Kb / 1P
Type USG Ultra-Stable Precision High Voltage Resistors
More results


Similar Description - USG085R035H-T

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
CS64N90 THINKISEMI-CS64N90 Datasheet
905Kb / 5P
85V,92A N-Channel Trench Process Power MOSFET
logo
MORE Semiconductor Comp...
MSN0980K MORESEMI-MSN0980K Datasheet
484Kb / 6P
85V(D-S) N-Channel Enhancement Mode Power MOS FET
logo
DIYI Electronic Technol...
DMT80N85 DYELEC-DMT80N85 Datasheet
1Mb / 7P
85V N-Channel Power MOSFET
logo
Thinki Semiconductor Co...
TSP8592 THINKISEMI-TSP8592 Datasheet
1Mb / 5P
85V,92A N-Channel Trench Process Power MOSFETs
EZ8590 THINKISEMI-EZ8590 Datasheet
1Mb / 5P
85V,92A N-Channel Trench Process Power MOSFETs
CS64N12 THINKISEMI-CS64N12 Datasheet
1Mb / 6P
85V,120A N-Channel Trench Process Power MOSFETs
TSP85H12 THINKISEMI-TSP85H12 Datasheet
2Mb / 6P
85V,120A N-Channel Trench Process Power MOSFETs
IRFB3607PBF THINKISEMI-IRFB3607PBF Datasheet
1Mb / 7P
ThinkiSemi 85V,92A N-Channel Trench Process Power MOSFETs
logo
Shindengen Electric Mfg...
P100FA7R5EN SHINDENGEN-P100FA7R5EN Datasheet
1Mb / 7P
Power MOSFETs 75V, 100A, N-channel
P100FP12SN SHINDENGEN-P100FP12SN Datasheet
1Mb / 7P
Power MOSFETs 120V, 100A, N-channel
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com