Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSCDT08065G1 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TSCDT08065G1 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TSCDT08065G1
Download  TSCDT08065G1 Download
File Size   381.59 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 8A, 650V SiC Merged PIN Schottky Diode

TSCDT08065G1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSCDT08065G1 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TSCDT08065G1
Download  TSCDT08065G1 Click to download

File Size   381.59 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 8A, 650V SiC Merged PIN Schottky Diode

TSCDT08065G1 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TSCDT08065G1 Product details

FEATURES
● Max junction temperature 175°C
● MPS structure for high ruggedness to forward current
surge events
● High-speed switching possible
● High forward surge capability
● High-frequency operation
● Positive temperature coefficient on VF
● RoHS compliant
● Halogen-free

APPLICATIONS
● General purpose
● Switch mode power supplies
● Power factor correction

MECHANICAL DATA
● Case: TO-220AC-2L
● Molding compound meets UL 94V-0 flammability rating
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Polarity: As circuit diagram
● Weight: 2.03g (approximately)




Similar Part No. - TSCDT08065G1

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSCDT06065G1 TSC-TSCDT06065G1 Datasheet
379Kb / 6P
6A, 650V SiC Merged PIN Schottky Diode
Version: A2404
More results


Similar Description - TSCDT08065G1

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
SICF08C60 CITC-SICF08C60 Datasheet
3Mb / 4P
8A SiC Schottky Diode
logo
GeneSiC Semiconductor, ...
GE08MPS06A GENESIC-GE08MPS06A Datasheet
510Kb / 7P
650V 8A SiC Schottky MPS??Diode
GE08MPS06E GENESIC-GE08MPS06E Datasheet
506Kb / 7P
650V 8A SiC Schottky MPS??Diode
logo
Vishay Siliconix
VS-C20ET07T-M3 VISHAY-VS-C20ET07T-M3 Datasheet
154Kb / 5P
650 V Power SiC Merged PIN Schottky Diode, 20 A
16-Apr-2021
VS-C08ET07T-M3 VISHAY-VS-C08ET07T-M3 Datasheet
153Kb / 5P
650 V Power SiC Merged PIN Schottky Diode, 8 A
16-Apr-2021
logo
UnitedSiC.
UJ3D06508TS UNITEDSIC-UJ3D06508TS Datasheet
966Kb / 5P
8A - 650V SiC Schottky Diode
Rev. B, January 2018
UJ3D06560KSD UNITEDSIC-UJ3D06560KSD Datasheet
466Kb / 6P
650V 60A SiC Merged PiN-Schottky Diode
Revision C, January 2019
UJD06508TS UNITEDSIC-UJD06508TS Datasheet
514Kb / 4P
8A - 650V SiC Schottky Diode
Rev. B, November 2016
logo
Vishay Siliconix
VS-C06ET07T-M3 VISHAY-VS-C06ET07T-M3_V01 Datasheet
156Kb / 5P
650 V Power SiC Merged PIN Schottky Diode, 6 A
16-Apr-2021
logo
Silicon Supplies
SIS650S08AS SS-SIS650S08AS Datasheet
947Kb / 3P
650V 8A SiC Schottky Diode
Rev 1.0 30/10/23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com