Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FES6D Datasheet (PDF) - ON Semiconductor

FES6D Datasheet PDF - ON Semiconductor
Part # FES6D
Download  FES6D Download
File Size   266.33 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Ultrafast Rectifiers, Surface Mount, 6 A, 200 V - 600 V

FES6D Datasheet (PDF)

Go To PDF Page Download Datasheet
FES6D Datasheet PDF - ON Semiconductor

Part # FES6D
Download  FES6D Click to download

File Size   266.33 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Ultrafast Rectifiers, Surface Mount, 6 A, 200 V - 600 V

FES6D Datasheet (HTML) - ON Semiconductor


FES6D Product details

Features
• Very Low Profile: Typical Height of 1.1 mm
• Ultrafast Recovery Time
• Low Forward Voltage Drop
• Low Thermal Resistance
• Very Stable Operation at Industrial Temperature, 150°C
• RoHS Compliant
• Green Molding Compound as per IEC61249 Standard
• Lead Free in Compliance with EU RoHS 2011/65/EU Directive
• With DAP Option Only
• NRV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable




Similar Part No. - FES6D

ManufacturerPart #DatasheetDescription
logo
Power-One
FES POWER-ONE-FES Datasheet
1Mb / 3P
300 WATT
FES100ZD-A POWER-ONE-FES100ZD-A Datasheet
1Mb / 3P
300 WATT
logo
ON Semiconductor
FES10D ONSEMI-FES10D Datasheet
207Kb / 6P
Ultrafast Rectifiers, Surface Mount, 10 A, 200 V - 600 V
April, 2020 - Rev. 4
FES10G ONSEMI-FES10G Datasheet
207Kb / 6P
Ultrafast Rectifiers, Surface Mount, 10 A, 200 V - 600 V
April, 2020 - Rev. 4
FES10J ONSEMI-FES10J Datasheet
207Kb / 6P
Ultrafast Rectifiers, Surface Mount, 10 A, 200 V - 600 V
April, 2020 - Rev. 4
More results


Similar Description - FES6D

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDMB200A6 NIEC-PDMB200A6_1 Datasheet
156Kb / 4P
200 A 600 V
logo
Fairchild Semiconductor
FFA60UA60DN FAIRCHILD-FFA60UA60DN Datasheet
601Kb / 5P
60 A, 600 V Ultrafast Diode
logo
Kersemi Electronic Co.,...
MUR1630 KERSEMI-MUR1630 Datasheet
442Kb / 5P
ULTRAFAST RECTIFIERS 1.0 A, 50 V ??600 V
logo
STMicroelectronics
STGP35HF60W STMICROELECTRONICS-STGP35HF60W Datasheet
776Kb / 13P
35 A, 600 V Ultrafast IGBT
06-Nov-2012
STGF35HF60W STMICROELECTRONICS-STGF35HF60W Datasheet
639Kb / 17P
35 A, 600 V Ultrafast IGBT
24-Jul-2012
STGW19NC60W STMICROELECTRONICS-STGW19NC60W Datasheet
234Kb / 13P
19 A, 600 V - ultrafast IGBT
07-Nov-2016
logo
ON Semiconductor
FFH60UP60S ONSEMI-FFH60UP60S Datasheet
856Kb / 9P
60 A, 600 V Ultrafast Rectifier
September 2016 Rev. 1.6
S1GHE ONSEMI-S1GHE Datasheet
163Kb / 5P
Surface Mount Rectifiers, 1 A, 400 V - 600 V
April, 2020 ??Rev. 1
RURG3060-F085 ONSEMI-RURG3060-F085 Datasheet
5Mb / 7P
Ultrafast Rectifier 30 A, 600 V
March, 2020 - Rev. 4
logo
Fairchild Semiconductor
FFPF10UP60S FAIRCHILD-FFPF10UP60S_V01 Datasheet
262Kb / 5P
10 A, 600 V Ultrafast Diode
November 2014 Rev. C2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com