Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MURA115 Datasheet (PDF) - ON Semiconductor

MURA115 Datasheet PDF - ON Semiconductor
Part # MURA115_V02
Download  MURA115 Download
File Size   182.58 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power Rectifier, Ultra-Fast Recovery, 1 A, 100-200 V

MURA115 Datasheet (PDF)

Go To PDF Page Download Datasheet
MURA115 Datasheet PDF - ON Semiconductor

Part # MURA115_V02
Download  MURA115 Click to download

File Size   182.58 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power Rectifier, Ultra-Fast Recovery, 1 A, 100-200 V

MURA115 Datasheet (HTML) - ON Semiconductor


MURA115 Product details

Ideally suited for high voltage, high frequency rectification, or as
free wheeling and protection diodes in surface mount applications
where compact size and weight are critical to the system.
Features
• Small Compact Surface Mountable Package with J−Bend Leads
• Rectangular Package for Automated Handling
• High Temperature Glass Passivated Junction
• Low Forward Voltage Drop (0.71 V Max @ 1.0 A, TJ = 150°C)
• NRVUA and SURA8 Prefixes for Automotive and Other
Applications Requiring Unique Site and Control Change
Requirements; AEC−Q101 Qualified and PPAP Capable*
• These Devices are Pb−Free and are RoHS Compliant
Mechanical Characteristics:
• Case: Epoxy, Molded
• Weight: 70 mg (Approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
• Lead and Mounting Surface Temperature for Soldering Purposes:
260°C Max. for 10 Seconds
• Polarity: Polarity Band Indicates Cathode Lead
• ESD Protection:
♦ Human Body Model > 4000 V (Class 3)
♦ Charged Device Model > 1000 V




Similar Part No. - MURA115_V02

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURA115 ONSEMI-MURA115_V01 Datasheet
143Kb / 6P
Surface Mount Ultrafast Power Rectifiers
February, 2017 - Rev. 10
More results


Similar Description - MURA115_V02

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR620 SSDI-SDR620 Datasheet
185Kb / 4P
20AMPS 100 - 200 VOLTS ULTRA FAST RECOVERY RECTIFIER
logo
STMicroelectronics
BYV52HR STMICROELECTRONICS-BYV52HR Datasheet
82Kb / 8P
Aerospace 30 A - 200 V fast recovery rectifier
14-Apr-2010
BYV54HR STMICROELECTRONICS-BYV54HR Datasheet
82Kb / 8P
Aerospace 40 A - 200 V fast recovery rectifier
08-Jul-2010
logo
Nexperia B.V. All right...
PNE20010ER NEXPERIA-PNE20010ER Datasheet
251Kb / 13P
200 V, 1 A hyperfast recovery rectifier
3 January 2019
logo
STMicroelectronics
STTH60200CHR STMICROELECTRONICS-STTH60200CHR Datasheet
217Kb / 12P
Rad-Hard 60 A - 200 V fast recovery rectifier
12-May-2020
logo
Nexperia B.V. All right...
PNE20010ER-Q NEXPERIA-PNE20010ER-Q Datasheet
254Kb / 13P
200 V, 1 A hyperfast recovery rectifier
21 March 2023
PNE20010EXD-Q NEXPERIA-PNE20010EXD-Q Datasheet
252Kb / 13P
200 V, 1 A hyperfast recovery rectifier
1 April 2022
PNE20010EXD NEXPERIA-PNE20010EXD Datasheet
253Kb / 13P
200 V, 1 A hyperfast recovery rectifier
1 April 2022
logo
ON Semiconductor
MURS105 ONSEMI-MURS105 Datasheet
195Kb / 6P
Power Rectifier, Ultra-Fast Recovery, 1 A, 50-600 V
August, 2023 - Rev. 18
MURS230 ONSEMI-MURS230 Datasheet
131Kb / 6P
Power Rectifier, Ultra-Fast Recovery, 2 A, 300-400 V
April, 2023 - Rev. 10
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com