Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KSZ9897STXI-TR Datasheet (PDF) - Microchip Technology

KSZ9897STXI-TR Datasheet PDF - Microchip Technology
Part # KSZ9897STXI-TR
Download  KSZ9897STXI-TR Download
File Size   3350.62 Kbytes
Page   207 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 7-Port Gigabit Ethernet Switch with SGMII and RGMII/MII/RMII Interfaces

KSZ9897STXI-TR Datasheet (PDF)

Go To PDF Page Download Datasheet
KSZ9897STXI-TR Datasheet PDF - Microchip Technology

Part # KSZ9897STXI-TR
Download  KSZ9897STXI-TR Click to download

File Size   3350.62 Kbytes
Page   207 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 7-Port Gigabit Ethernet Switch with SGMII and RGMII/MII/RMII Interfaces

KSZ9897STXI-TR Datasheet (HTML) - Microchip Technology


KSZ9897STXI-TR Product details

Highlights
• One port with 10/100/1000 Ethernet MAC
and SGMII interface
• One port with 10/100/1000 Ethernet MAC
and configurable RGMII/MII/RMII interface
• IEEE 802.1X access control support
• Five ports with integrated 10/100/1000BASE-T PHY
transceivers
• Non-blocking wire-speed Ethernet switching fabric
• Full-featured forwarding and filtering control, including Access Control List (ACL) filtering
• Full VLAN and QoS support
• EtherGreen™ power management features,
including low power standby
• Flexible management interface options: SPI, I2C,
MIIM, and in-band management via any port
• Commercial/Industrial temperature range support
• 128-pin TQFP-EP (14 x 14mm) RoHS compliant pkg

Target Applications
• Stand-alone 10/100/1000Mbps Ethernet switches
• VoIP infrastructure switches
• Broadband gateways/firewalls
• Wi-Fi access points
• Integrated DSL/cable modems
• Security/surveillance systems
• Industrial control/automation switches
• Networked measurement and control systems

Features
• Switch Management Capabilities
- 10/100/1000Mbps Ethernet switch basic functions:
frame buffer management, address look-up table,
queue management, MIB counters
- Non-blocking store-and-forward switch fabric assures
fast packet delivery by utilizing 4096 entry forwarding
table with 256kByte frame buffer
- Jumbo packet support up to 9000 bytes
- Port mirroring/monitoring/sniffing:
ingress and/or egress traffic to any port
- MIB counters for fully-compliant statistics gathering
34 counters per port
- Tail tagging mode (one byte added before FCS) support at host port to inform the processor which ingress
port receives the packet and its priority
- Loopback modes for remote failure diagnostics
- Rapid spanning tree protocol (RSTP) support for topology management and ring/linear recovery
- Multiple spanning tree protocol (MSTP) support
• One External MAC Port with SGMII
• One External MAC Port with RGMII/MII/RMII
- RGMII v2.0, RMII v1.2 with 50MHz reference clock
input/output option, MII in PHY/MAC mode
• Five Integrated PHY Ports
- 1000BASE-T/100BASE-TX/10BASE-Te IEEE 802.3
- Fast Link-up option significantly reduces link-up time
- Auto-negotiation and Auto-MDI/MDI-X support
- On-chip termination resistors and internal biasing for
differential pairs to reduce power
- LinkMD® cable diagnostic capabilities for determining
cable opens, shorts, and length
• Advanced Switch Capabilities
- IEEE 802.1Q VLAN support for 128 active VLAN
groups and the full range of 4096 VLAN IDs
- IEEE 802.1p/Q tag insertion/removal on per port basis
- VLAN ID on per port or VLAN basis
- IEEE 802.3x full-duplex flow control and half-duplex
back pressure collision control
- IEEE 802.1X access control
(Port-based and MAC address based)
- IGMP v1/v2/v3 snooping for multicast packet filtering
- IPv6 multicast listener discovery (MLD) snooping
- IPv4/IPv6 QoS support, QoS/CoS packet prioritization
- 802.1p QoS packet classification with 4 priority queues
- Programmable rate limiting at ingress/egress ports
- Broadcast storm protection
- Four priority queues with dynamic packet mapping for
IEEE 802.1p, IPv4 DIFFSERV, IPv6 Traffic Class
- MAC filtering function to filter or forward unknown unicast, multicast and VLAN packets
- Self-address filtering for implementing ring topologies
• Comprehensive Configuration Registers Access
- High-speed 4-wire SPI (up to 50MHz), I2C interfaces
provide access to all internal registers
- MII Management (MIIM, MDC/MDIO 2-wire) Interface
provides access to all PHY registers
- In-band management via any of the data ports
- I/O pin strapping facility to set certain register bits from
I/O pins at reset time
- On-the-fly configurable control registers
• Power Management
- Energy detect power-down mode on cable disconnect
- Dynamic clock tree control
- Unused ports can be individually powered down
- Full-chip software power-down
- Wake-on-LAN (WoL) standby power mode with PME
interrupt output for system wake upon triggered events




Similar Part No. - KSZ9897STXI-TR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
KSZ9897 MICROCHIP-KSZ9897 Datasheet
37Kb / 1P
KSZ9897 Switch Evaluation Board with LAN7801 & KSZ9031
3/29/2017
KSZ9897R MICROCHIP-KSZ9897R Datasheet
3Mb / 196P
7-Port Gigabit Ethernet Switch with Two RGMII/MII/RMII Interfaces
07-15-22
KSZ9897R MICROCHIP-KSZ9897R Datasheet
3Mb / 190P
7-Port Gigabit Ethernet Switch with Two RGMII/MII/RMII Interfaces
11/07/16
KSZ9897RTXC MICROCHIP-KSZ9897RTXC Datasheet
3Mb / 196P
7-Port Gigabit Ethernet Switch with Two RGMII/MII/RMII Interfaces
07-15-22
KSZ9897RTXC MICROCHIP-KSZ9897RTXC Datasheet
3Mb / 190P
7-Port Gigabit Ethernet Switch with Two RGMII/MII/RMII Interfaces
11/07/16
More results


Similar Description - KSZ9897STXI-TR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
KSZ8795CLX MICROCHIP-KSZ8795CLX Datasheet
1Mb / 132P
Integrated 5-Port 10/100-Managed Ethernet Switch with Gigabit GMII/RGMII and MII/RMII Interfaces
07/14/15
KSZ8775CLX MICROCHIP-KSZ8775CLX Datasheet
1Mb / 132P
Integrated 5?밣ort 10/100 Managed Ethernet Switch with Port 4 RMII and Port 5 RGMII/MII/RMII Interfaces
06/17/16
KSZ8765CLX MICROCHIP-KSZ8765CLX Datasheet
1Mb / 131P
Integrated 5-Port 10/100-Managed Ethernet Switch with Gigabit GMII/RGMII and MII/RMII Interfaces
07/14/15
KSZ9477S MICROCHIP-KSZ9477S Datasheet
2Mb / 266P
7-Port Gigabit Ethernet Switch with Ring Redundancy, SGMII and RGMII/MII/RMII Interfaces
05/14/19
KSZ8765CLX MICROCHIP-KSZ8765CLX_V01 Datasheet
1Mb / 132P
Integrated 5-Port 10/100-Managed Ethernet Switch with Gigabit GMII/RGMII and MII/ RMII Interfaces
DS00002130C (05-02-22)
KSZ9563R MICROCHIP-KSZ9563R Datasheet
3Mb / 226P
3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
DS00002419D 06-11-19
KSZ9567R MICROCHIP-KSZ9567R Datasheet
3Mb / 232P
7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
DS00002329D 07-08-19
KSZ9893R MICROCHIP-KSZ9893R Datasheet
3Mb / 189P
3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface
DS00002420D 06-11-19
logo
Microsemi Corporation
VSC8541-01 MICROSEMI-VSC8541-01 Datasheet
1Mb / 100P
Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
logo
Microchip Technology
VSC8541-02 MICROCHIP-VSC8541-02 Datasheet
1Mb / 101P
Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
Revision 4.1
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com