Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATMEGA48P-20MU Datasheet (PDF) - ATMEL Corporation

ATMEGA48P-20MU Datasheet PDF - ATMEL Corporation
Part # ATMEGA48P-20MU
Download  ATMEGA48P-20MU Download
File Size   445.43 Kbytes
Page   25 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash

ATMEGA48P-20MU Datasheet (PDF)

Go To PDF Page Download Datasheet
ATMEGA48P-20MU Datasheet PDF - ATMEL Corporation

Part # ATMEGA48P-20MU
Download  ATMEGA48P-20MU Click to download

File Size   445.43 Kbytes
Page   25 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash

ATMEGA48P-20MU Datasheet (HTML) - ATMEL Corporation


ATMEGA48P-20MU Product details

Overview
The ATmega48P/88P/168P/328P is a low-power CMOS 8-bit microcontroller based on the AVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the ATmega48P/88P/168P/328P achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed.
The AVR core combines a rich instruction set with 32 general purpose working registers. All the 32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two independent registers to be accessed in one single instruction executed in one clock cycle. The resulting architecture is more code efficient while achieving throughputs up to ten times faster than conventional CISC microcontrollers.

Features
• High Performance, Low Power AVR® 8-Bit Microcontroller
• Advanced RISC Architecture
   – 131 Powerful Instructions – Most Single Clock Cycle Execution
   – 32 x 8 General Purpose Working Registers
   – Fully Static Operation
   – Up to 20 MIPS Throughput at 20 MHz
   – On-chip 2-cycle Multiplier
• High Endurance Non-volatile Memory Segments
   – 4/8/16/32K Bytes of In-System Self-Programmable Flash progam memory (ATmega48P/88P/168P/328P)
   – 256/512/512/1K Bytes EEPROM (ATmega48P/88P/168P/328P)
   – 512/1K/1K/2K Bytes Internal SRAM (ATmega48P/88P/168P/328P)
   – Write/Erase Cycles: 10,000 Flash/100,000 EEPROM
– Data retention: 20 years at 85°C/100 years at 25°C(1)
   – Optional Boot Code Section with Independent Lock Bits
      In-System Programming by On-chip Boot Program
      True Read-While-Write Operation
   – Programming Lock for Software Security
• Peripheral Features
   – Two 8-bit Timer/Counters with Separate Prescaler and Compare Mode
   – One 16-bit Timer/Counter with Separate Prescaler, Compare Mode, and Capture Mode
   – Real Time Counter with Separate Oscillator
   – Six PWM Channels
   – 8-channel 10-bit ADC in TQFP and QFN/MLF package Temperature Measurement
   – 6-channel 10-bit ADC in PDIP Package Temperature Measurement
   – Programmable Serial USART
   – Master/Slave SPI Serial Interface
   – Byte-oriented 2-wire Serial Interface (Philips I2C compatible)
   – Programmable Watchdog Timer with Separate On-chip Oscillator
   – On-chip Analog Comparator
   – Interrupt and Wake-up on Pin Change
• Special Microcontroller Features
   – Power-on Reset and Programmable Brown-out Detection
   – Internal Calibrated Oscillator
   – External and Internal Interrupt Sources
   – Six Sleep Modes: Idle, ADC Noise Reduction, Power-save, Power-down, Standby, and Extended Standby
• I/O and Packages
   – 23 Programmable I/O Lines
   – 28-pin PDIP, 32-lead TQFP, 28-pad QFN/MLF and 32-pad QFN/MLF
• Operating Voltage:
   – 1.8 - 5.5V for ATmega48P/88P/168PV
   – 2.7 - 5.5V for ATmega48P/88P/168P
   – 1.8 - 5.5V for ATmega328P
• Temperature Range:
   – -40°C to 85°C
• Speed Grade:
   – ATmega48P/88P/168PV: 0 - 4 MHz @ 1.8 - 5.5V, 0 - 10 MHz @ 2.7 - 5.5V
   – ATmega48P/88P/168P: 0 - 10 MHz @ 2.7 - 5.5V, 0 - 20 MHz @ 4.5 - 5.5V
   – ATmega328P: 0 - 4 MHz @ 1.8 - 5.5V, 0 - 10 MHz @ 2.7 - 5.5V, 0 - 20 MHz @ 4.5 - 5.5V
• Low Power Consumption at 1 MHz, 1.8V, 25°C for ATmega48P/88P/168P:
   – Active Mode: 0.3 mA
   – Power-down Mode: 0.1 µA
   – Power-save Mode: 0.8 µA (Including 32 kHz RTC)




Similar Part No. - ATMEGA48P-20MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48P-20MU ATMEL-ATMEGA48P-20MU Datasheet
420Kb / 26P
8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
More results


Similar Description - ATMEGA48P-20MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA325P ATMEL-ATMEGA325P_06 Datasheet
3Mb / 336P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA48P ATMEL-ATMEGA48P_08 Datasheet
420Kb / 26P
8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_08 Datasheet
471Kb / 25P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P_08 Datasheet
332Kb / 22P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA324PA ATMEL-ATMEGA324PA Datasheet
546Kb / 24P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A Datasheet
427Kb / 18P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA48PA ATMEL-ATMEGA48PA_1 Datasheet
12Mb / 448P
8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA48A ATMEL-ATMEGA48A Datasheet
499Kb / 32P
8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA48A ATMEL-ATMEGA48A_10 Datasheet
592Kb / 33P
8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA48A ATMEL-ATMEGA48A_11 Datasheet
495Kb / 35P
8-bit Atmel Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com