Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2EDN7534U Datasheet (PDF) - Infineon Technologies AG

2EDN7534U Datasheet PDF - Infineon Technologies AG
Part # 2EDN7534U
Download  2EDN7534U Download
File Size   480.55 Kbytes
Page   22 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description EiceDRIVER™ 2EDN7534U

2EDN7534U Datasheet (PDF)

Go To PDF Page Download Datasheet
2EDN7534U Datasheet PDF - Infineon Technologies AG

Part # 2EDN7534U
Download  2EDN7534U Click to download

File Size   480.55 Kbytes
Page   22 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description EiceDRIVER™ 2EDN7534U

2EDN7534U Datasheet (HTML) - Infineon Technologies AG


2EDN7534U Product details

Description
The EiceDRIVER™ 2EDN7534U is offered in a small and versatile 6-pin TSNP package. High output current
capability together with active output voltage clamping, tight timing specifications, and optimized start-up and
shut-down times, make the 2EDN7534U the first choice for many fast-switching space constrained applications.

Product features
• ±5 A source/sink currents
• 19 ns typ. propagation delay
• +6/-4 ns propagation delay accuracy
• 1.8 µs output start-up time
• 500 ns output shut-down time
• Active output voltage clamping
• -12 V input robustness
• 5 A reverse current robustness
• 4 V UVLO option
• Package option:
– 6-pin TSNP package
• Fully qualified for industrial applications according to JEDEC

Applications
• Switch-mode power-supplies
• DC-DC power converters
• Synchronous rectification stages




Similar Part No. - 2EDN7534U

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
2EDN7534B INFINEON-2EDN7534B Datasheet
1Mb / 36P
Dual-channel low-side 5 A gate driver ICs with low output resistance and excellent timing accuracy
Rev.1.0 2021-10-29
2EDN7534BXTSA1 INFINEON-2EDN7534BXTSA1 Datasheet
1Mb / 36P
Dual-channel low-side 5 A gate driver ICs with low output resistance and excellent timing accuracy
Rev.1.0 2021-10-29
2EDN7534F INFINEON-2EDN7534F Datasheet
1Mb / 36P
Dual-channel low-side 5 A gate driver ICs with low output resistance and excellent timing accuracy
Rev.1.0 2021-10-29
2EDN7534FXTMA1 INFINEON-2EDN7534FXTMA1 Datasheet
1Mb / 36P
Dual-channel low-side 5 A gate driver ICs with low output resistance and excellent timing accuracy
Rev.1.0 2021-10-29
2EDN7534G INFINEON-2EDN7534G Datasheet
1Mb / 36P
Dual-channel low-side 5 A gate driver ICs with low output resistance and excellent timing accuracy
Rev.1.0 2021-10-29
More results


Similar Description - 2EDN7534U

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
WCDSC006 INFINEON-WCDSC006 Datasheet
1Mb / 23P
EiceDRIVER?
V2.2 2020-05-28
1ED31XXMC12H INFINEON-1ED31XXMC12H Datasheet
453Kb / 20P
EiceDRIVER??1ED31xxMC12H Compact
v2.0 2021-03-01
1ED34X1MC12M INFINEON-1ED34X1MC12M Datasheet
814Kb / 45P
EiceDRIVER??1ED34x1Mc12M Enhanced
v2.1 2021-02-15
1ED38X0MC12M INFINEON-1ED38X0MC12M Datasheet
798Kb / 46P
EiceDRIVER??1ED38x0Mc12M Enhanced
datasheet v2.1 2021-02-15
1ED312XMU12F INFINEON-1ED312XMU12F Datasheet
479Kb / 20P
EiceDRIVER??1ED312xMU12F Compact
v2.0 2021-02-23
1EDCXXI12MH INFINEON-1EDCXXI12MH Datasheet
517Kb / 19P
EiceDRIVER??1EDC Compact
v2.1 2017-09-04
1EDN751X INFINEON-1EDN751X Datasheet
1Mb / 28P
EiceDRIVER?
Rev. 2.2 2018-04-20
2EDN752X INFINEON-2EDN752X Datasheet
1Mb / 31P
EiceDRIVER?
Rev. 2.5 2018-04-20
Z8F80037256 INFINEON-Z8F80037256 Datasheet
9Mb / 27P
EiceDRIVER™ enhanced 1EDI302xAS/1EDI303xAS evaluation board
Rev. 1.0 2020-12-18
1ED314XMU12F INFINEON-1ED314XMU12F Datasheet
4Mb / 34P
EiceDRIVER™ 1ED314xMU12F (1ED-X3 Compact)
1.0 2023-01-15
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com