Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1EDI3038AS Datasheet (PDF) - Infineon Technologies AG

1EDI3038AS Datasheet PDF - Infineon Technologies AG
Part # 1EDI3038AS
Download  1EDI3038AS Download
File Size   1174.18 Kbytes
Page   70 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description EiceDRIVER™ gate driver 1EDI3038AS Single channel isolated SiC-MOSFET driver

1EDI3038AS Datasheet (PDF)

Go To PDF Page Download Datasheet
1EDI3038AS Datasheet PDF - Infineon Technologies AG

Part # 1EDI3038AS
Download  1EDI3038AS Click to download

File Size   1174.18 Kbytes
Page   70 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description EiceDRIVER™ gate driver 1EDI3038AS Single channel isolated SiC-MOSFET driver

1EDI3038AS Datasheet (HTML) - Infineon Technologies AG


1EDI3038AS Product details

Features
• Galvanic isolated SiC-MOSFET driver using coreless transformer technology
• Single channel driver for SiC-MOSFETs up to 1200 V
• Low propagation delay 60 ns typically
• Split outputs TON and TOFF for independent turn-on and turn-off slew
rates
• Integrated booster with up to 15 A peak current rail-to-rail output
• Integrated active Miller clamp supports unipolar switching
• Configurable external soft turn-off functionality
• CMTI up to 150 V/ns up to ±1200 V
• Reinforced insulation 8 kV peak according to DIN EN IEC 60747-17
- Safety pins on primary side and secondary ASC
- Super fast DESAT including BIST
- Gate monitoring and output stage monitoring
- Shoot-through protection with integrated timeout
- Primary supply monitoring UVLO
- Secondary supply monitoring VCC2 for OVLO and UVLO, VEE2 for UVLO
only
• DATA interface for detailed error diagnosis via PWM signal
• 3.3 V and 5 V compatible I/O logic supply
• ISO 26262 Safety Element out of Context for safety requirements up to
ASIL B
• Green Product (RoHS compliant)
(VDE 0884-17):2021-10
• 5.7 kV rms insulation according to UL 1577
• Secondary side active short circuit (SASC) pin
• Integrated safety features up to ASIL B:




Similar Part No. - 1EDI3038AS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
1EDI3030AS INFINEON-1EDI3030AS Datasheet
2Mb / 49P
EiceDRIVER??gate driver 1EDI3030AS
Rev. 1.01 2021-06-25
1EDI3030AS INFINEON-1EDI3030AS Datasheet
9Mb / 27P
EiceDRIVER™ enhanced 1EDI302xAS/1EDI303xAS evaluation board
Rev. 1.0 2020-12-18
1EDI3031AS INFINEON-1EDI3031AS Datasheet
2Mb / 49P
EiceDRIVER??gate driver 1EDI3031AS
Rev. 1.01 2021-06-25
1EDI3031AS INFINEON-1EDI3031AS Datasheet
9Mb / 27P
EiceDRIVER™ enhanced 1EDI302xAS/1EDI303xAS evaluation board
Rev. 1.0 2020-12-18
1EDI3033AS INFINEON-1EDI3033AS Datasheet
2Mb / 50P
EiceDRIVER??gate driver 1EDI3033AS
Rev. 1.01 2021-06-25
More results


Similar Description - 1EDI3038AS

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGD15FB45P CREE-CGD15FB45P Datasheet
1Mb / 6P
Six Channel SiC MOSFET Driver Gate Driver for 1200V SiC MOSFET Power Module
CPWR-AN10 CREE-CPWR-AN10 Datasheet
486Kb / 6P
SiC MOSFET Isolated Gate Driver
logo
Infineon Technologies A...
1EDI3020AS INFINEON-1EDI3020AS Datasheet
2Mb / 49P
EiceDRIVER??gate driver 1EDI3020AS
Rev. 1.01 2021-06-25
1EDI3021AS INFINEON-1EDI3021AS Datasheet
2Mb / 49P
EiceDRIVER??gate driver 1EDI3021AS
Rev. 1.01 2021-06-25
1EDI3023AS INFINEON-1EDI3023AS Datasheet
2Mb / 50P
EiceDRIVER??gate driver 1EDI3023AS
Rev. 1.01 2021-06-25
1EDI3030AS INFINEON-1EDI3030AS Datasheet
2Mb / 49P
EiceDRIVER??gate driver 1EDI3030AS
Rev. 1.01 2021-06-25
1EDI3031AS INFINEON-1EDI3031AS Datasheet
2Mb / 49P
EiceDRIVER??gate driver 1EDI3031AS
Rev. 1.01 2021-06-25
1EDI3033AS INFINEON-1EDI3033AS Datasheet
2Mb / 50P
EiceDRIVER??gate driver 1EDI3033AS
Rev. 1.01 2021-06-25
logo
STMicroelectronics
STGAP2SICS STMICROELECTRONICS-STGAP2SICS Datasheet
716Kb / 22P
Galvanically isolated 4 A single gate driver for SiC MOSFETs
29-Sep-2022
logo
ON Semiconductor
NCD57252 ONSEMI-NCD57252 Datasheet
839Kb / 24P
Isolated Dual Channel IGBT/MOSFET Gate Driver
November, 2022 - Rev. 4
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com