Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC015SMA070B4 Datasheet (PDF) - Microsemi Corporation

MSC015SMA070B4 Datasheet PDF - Microsemi Corporation
Part # MSC015SMA070B4
Download  MSC015SMA070B4 Download
File Size   1531.8 Kbytes
Page   9 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description MSC015SMA070B4 Silicon Carbide N-Channel Power MOSFET

MSC015SMA070B4 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSC015SMA070B4 Datasheet PDF - Microsemi Corporation

Part # MSC015SMA070B4
Download  MSC015SMA070B4 Click to download

File Size   1531.8 Kbytes
Page   9 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description MSC015SMA070B4 Silicon Carbide N-Channel Power MOSFET

MSC015SMA070B4 Datasheet (HTML) - Microsemi Corporation


MSC015SMA070B4 Product details

Product Overview
The silicon carbide (SiC) power MOSFET product line from Microsemi increases the performance over
silicon MOSFET and silicon IGBT solutions while lowering the total cost of ownership for high-voltage
applications. The MSC015SMA070B4 device is a 700 V, 15 mΩ SiC MOSFET in a TO-247 4-lead
package with a source sense.

Features
The following are key features of the MSC015SMA070B4 device:
Low capacitances and low gate charge
Fast switching speed due to low internal gate resistance (ESR)
Stable operation at high junction temperature, T = 175 °C J(max)
Fast and reliable body diode
Superior avalanche ruggedness
RoHS compliant

Benefits
The following are benefits of the MSC015SMA070B4 device:
High efficiency to enable lighter, more compact system
Simple to drive and easy to parallel
Improved thermal capabilities and lower switching losses
Eliminates the need for external freewheeling diode
Lower system cost of ownership

Applications
The MSC015SMA070B4 device is designed for the following applications:
PV inverter, converter, and industrial motor drives
Smart grid transmission and distribution
Induction heating and welding
H/EV powertrain and EV charger
Power supply and distribution




Similar Part No. - MSC015SMA070B4

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MSC010SDA070B MICROCHIP-MSC010SDA070B Datasheet
2Mb / 12P
Zero Recovery Silicon Carbide Schottky Diode
2021
MSC010SDA070K MICROCHIP-MSC010SDA070K Datasheet
2Mb / 12P
Zero Recovery Silicon Carbide Schottky Diode
2021
MSC010SDA070S MICROCHIP-MSC010SDA070S Datasheet
2Mb / 11P
Zero Recovery Silicon Carbide Schottky Diode
2021
logo
Inchange Semiconductor ...
MSC017SMA120 ISC-MSC017SMA120 Datasheet
605Kb / 4P
SiC N-Channel MOSFET
MSC017SMA120B ISC-MSC017SMA120B Datasheet
307Kb / 2P
SiC N-Channel MOSFET
More results


Similar Description - MSC015SMA070B4

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSC080SMA120J MICROSEMI-MSC080SMA120J Datasheet
1Mb / 10P
Silicon Carbide N-Channel Power MOSFET
logo
Microchip Technology
MSC180SMA120B MICROCHIP-MSC180SMA120B Datasheet
6Mb / 15P
Silicon Carbide N-Channel Power MOSFET
2021
MSC180SMA120S MICROCHIP-MSC180SMA120S Datasheet
6Mb / 16P
Silicon Carbide N-Channel Power MOSFET
2021
logo
Microsemi Corporation
APT40SM120B MICROSEMI-APT40SM120B Datasheet
381Kb / 6P
Silicon Carbide N-Channel Power MOSFET
Rev C 09/2016
logo
DinTek Semiconductor Co...
DTN19N120SC3 DINTEK-DTN19N120SC3 Datasheet
2Mb / 9P
1200V N-Channel Silicon Carbide Power MOSFET
DTN20N120SC4 DINTEK-DTN20N120SC4 Datasheet
2Mb / 9P
1200V N-Channel Silicon Carbide Power MOSFET
DTN40N120SC3 DINTEK-DTN40N120SC3 Datasheet
2Mb / 9P
1200V N-Channel Silicon Carbide Power MOSFET
DTN40N120SC4 DINTEK-DTN40N120SC4 Datasheet
1Mb / 9P
1200V N-Channel Silicon Carbide Power MOSFET
DTN58N120SC3 DINTEK-DTN58N120SC3 Datasheet
2Mb / 9P
1200V N-Channel Silicon Carbide Power MOSFET
DTN58N120SC4 DINTEK-DTN58N120SC4 Datasheet
3Mb / 9P
1200V N-Channel Silicon Carbide Power MOSFET
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com