Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8205BTR Datasheet (PDF) - List of Unclassifed Manufacturers

8205BTR Datasheet PDF - List of Unclassifed Manufacturers
Part # 8205BTR
Download  8205BTR Download
File Size   532.97 Kbytes
Page   7 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Channel enhancement mode power MOSFET

8205BTR Datasheet (PDF)

Go To PDF Page Download Datasheet
8205BTR Datasheet PDF - List of Unclassifed Manufacturers

Part # 8205BTR
Download  8205BTR Click to download

File Size   532.97 Kbytes
Page   7 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Channel enhancement mode power MOSFET

8205BTR Datasheet (HTML) - List of Unclassifed Manufacturers


8205BTR Product details

Description Pinout
Common drain N-channel enhancement mode power field effect transistor 8205A/8205B/8205C
It features fast switching, ultra-low on-resistance and high cost performance.
8205A/8205B/8205C are suitable for designing circuits for battery protection or low-voltage switching.

2. Features
Low on-resistance
Low drive current
Low gate voltage 2.5V

DSB=20V
IDB =6A @ V B
GSB =4.5V B
8205A:
RDS(ON) B
<32m B
Ω@VGSB
=4.5V B
8205B:
RB
DS(ON)<35m B
Ω@VB
GSB
=4.5V
8205C:
RBDS(ON)<38m B
Ω@VB
GS =4.5V

3. Application areas
Lithium battery charging protection
Power management
Portable devices
load switch




Similar Part No. - 8205BTR

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
8205B FUMAN-8205B Datasheet
296Kb / 4P
20V N-Channel Enhancement MOS FET
logo
Shenzhen Tuofeng Semico...
8205B TUOFENG-8205B Datasheet
3Mb / 5P
Dual N-Channel MOSFET
Feb,2018 V1.0
More results


Similar Description - 8205BTR

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTN3N60CI3 CYSTEKEC-MTN3N60CI3 Datasheet
506Kb / 10P
Channel Enhancement Mode Power MOSFET
logo
SeCoS Halbleitertechnol...
SSM1K2N20 SECOS-SSM1K2N20 Datasheet
434Kb / 4P
-Channel Enhancement Mode Power MOSFET
logo
AiT Semiconductor Inc.
AM2302 AITSEMI-AM2302 Datasheet
1Mb / 9P
MOSFET N-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV1.1
AM2305 AITSEMI-AM2305 Datasheet
749Kb / 9P
MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV2.0
AM2306 AITSEMI-AM2306 Datasheet
703Kb / 8P
MOSFET N-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV3.1
AM2317A AITSEMI-AM2317A Datasheet
651Kb / 8P
MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV1.0
AM3401 AITSEMI-AM3401 Datasheet
791Kb / 9P
MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV2.0
AM3407 AITSEMI-AM3407 Datasheet
698Kb / 9P
MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV3.0
AM3415A AITSEMI-AM3415A Datasheet
838Kb / 9P
MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV1.0
AM8205 AITSEMI-AM8205 Datasheet
886Kb / 11P
MOSFET N-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV3.0 - JUN 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com