Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD7768BSTZ-RL Datasheet (PDF) - Analog Devices

AD7768BSTZ-RL Datasheet PDF - Analog Devices
Part # AD7768BSTZ-RL
Download  AD7768BSTZ-RL Download
File Size   4108.56 Kbytes
Page   106 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz Bandwidth

AD7768BSTZ-RL Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7768BSTZ-RL Datasheet PDF - Analog Devices

Part # AD7768BSTZ-RL
Download  AD7768BSTZ-RL Click to download

File Size   4108.56 Kbytes
Page   106 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz Bandwidth

AD7768BSTZ-RL Datasheet (HTML) - Analog Devices


AD7768BSTZ-RL Product details

FEATURES
► Precision ac and dc performance
► 8-/4-channel simultaneous sampling
► 256 kSPS maximum ADC ODR per channel
► 108 dB dynamic range
► DC to 110.8 kHz maximum input bandwidth (−3 dB bandwidth)
► −120 dB THD, typical
► ±2 ppm of full-scale range (FSR) integral nonlinearity (INL),
±50 μV offset error, ±30 ppm of FSR gain error
► Optimized power dissipation vs. noise vs. input bandwidth
► Selectable power, speed, and input bandwidth
► Fast (highest speed): 110.8 kHz bandwidth, 51.5 mW per
channel
► Median (half speed): 55.4 kHz bandwidth, 27.5 mW per
channel
► Low power (lowest power): 13.8 kHz bandwidth, 9.375 mW
per channel
► Per channel digital filter
► Programmable input bandwidth/sampling rates
► CRC error checking on data interface
► Daisy-chaining
► Linear phase digital filter
► Low latency sinc5 filter
► Wideband brick wall filter: ±0.005 dB pass band ripple to
102.4 kHz
► Analog input precharge and reference precharge buffers
► Power supply
► AVDD1 = 5.0 V, AVDD2 = 2.25 V to 5.0 V
► IOVDD = 2.5 V to 3.3 V or IOVDD = 1.8 V
► 64-lead LQFP, no exposed pad
► Temperature range: −40°C to +105°C
APPLICATIONS
► Data acquisition systems: USB/PXI/Ethernet
► Instrumentation and industrial control loops
► Audio testing and measurement
► Vibration and asset condition monitoring
► 3-phase power quality analysis
► Sonar
► High precision medical electroencephalogram (EEG)/electromyography
(EMG)/electrocardiogram (ECG)




Similar Part No. - AD7768BSTZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7768BSTZ-RL AD-AD7768BSTZ-RL Datasheet
2Mb / 99P
8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz BW
REV. A
AD7768BSTZ-RL7 AD-AD7768BSTZ-RL7 Datasheet
2Mb / 99P
8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz BW
REV. A
More results


Similar Description - AD7768BSTZ-RL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11044 MAXIM-MAX11044 Datasheet
1Mb / 19P
4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 10/09
MAX11047 MAXIM-MAX11047 Datasheet
3Mb / 18P
4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 12/09
MAX11044 MAXIM-MAX11044_10 Datasheet
2Mb / 20P
4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
MAX11044 MAXIM-MAX11044_11 Datasheet
1Mb / 27P
4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_12 Datasheet
1Mb / 27P
4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
logo
Texas Instruments
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
16-Bit, 8-Channel, Simultaneous Sampling ADCs
logo
Analog Devices
AD7761 AD-AD7761 Datasheet
1Mb / 69P
8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
REV. 0
AD7768 AD-AD7768 Datasheet
2Mb / 99P
8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz BW
REV. A
AD7761 AD-AD7761_17 Datasheet
1Mb / 76P
8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
Rev. A
logo
Maxim Integrated Produc...
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com