Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2423-I/P Datasheet (PDF) - Microchip Technology

PIC18F2423-I/P Datasheet PDF - Microchip Technology
Part # PIC18F2423-I/P
Download  PIC18F2423-I/P Download
File Size   6844.6 Kbytes
Page   392 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28/40/44-Pin, Enhanced Flash Microcontrollers with 12-Bit A/D and nanoWatt Technology

PIC18F2423-I/P Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC18F2423-I/P Datasheet PDF - Microchip Technology

Part # PIC18F2423-I/P
Download  PIC18F2423-I/P Click to download

File Size   6844.6 Kbytes
Page   392 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28/40/44-Pin, Enhanced Flash Microcontrollers with 12-Bit A/D and nanoWatt Technology

PIC18F2423-I/P Datasheet (HTML) - Microchip Technology


PIC18F2423-I/P Product details

DEVICE OVERVIEW

This family offers the advantages of all PIC18 microcontrollers – namely, high computational performance at an economical price – with the addition of high-endurance, Enhanced Flash program memory. On top of these features, the PIC18F2423/2523/4423/4523 family introduces design enhancements that make these microcontrollers a logical choice for many high-performance, power-sensitive applications.



Power Management Features:

• Run: CPU on, Peripherals on

• Idle: CPU off, Peripherals on

• Sleep: CPU off, Peripherals off

• Ultra Low 50 nA Input Leakage

• Run mode Currents Down to 11 μA Typical

• Idle mode Currents Down to 2.5 μA Typical

• Sleep mode Current Down to 100 μA Typical

• Timer1 Oscillator: 900 nA, 32 kHz, 2V

• Watchdog Timer: 1.4 μA, 2V Typical

• Two-Speed Oscillator Start-up



Flexible Oscillator Structure:

• Four Crystal modes, up to 40 MHz

• 4x Phase Lock Loop (PLL) – Available for Crystal and Internal Oscillators

• Two External RC modes, up to 4 MHz

• Two External Clock modes, up to 40 MHz

• Internal Oscillator Block:

   - Fast wake from Sleep and Idle, 1 μs typical

   - 8 user-selectable frequencies, from 31 kHz to 8 MHz

   - Provides a complete range of clock speeds, from 31 kHz to 32 MHz, when used with PLL

   - User-tunable to Compensate for Frequency Drift

• Secondary Oscillator using Timer1 @ 32 kHz

• Fail-Safe Clock Monitor:

   - Allows for safe shutdown if peripheral clock stops

 

Peripheral Highlights:

• 12-Bit, Up to 13-Channel Analog-to-Digital Converter module (A/D):

   - Auto-acquisition capability

   - Conversion available during Sleep mode

• Dual Analog Comparators with Input Multiplexing

• High-Current Sink/Source 25 mA/25 mA

• Three Programmable External Interrupts

• Four Input Change Interrupts

• Up to Two Capture/Compare/PWM (CCP) modules, One with Auto-Shutdown (28-pin devices)

• Enhanced Capture/Compare/PWM (ECCP) module (40/44-pin devices only):

   - One, two or four PWM outputs

   - Selectable polarity

   - Programmable dead time

   - Auto-shutdown and auto-restart

• Master Synchronous Serial Port (MSSP) module Supporting 3-Wire SPI (all four modes) and I2C™ Master and Slave modes

• Enhanced USART module:

   - Support for RS-485, RS-232 and LIN/J2602

   - RS-232 operation using internal oscillator block (no external crystal required)

   - Auto-wake-up on Start bit

   - Auto-Baud Detect (ABD)



 




Similar Part No. - PIC18F2423-I/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F242 MICROCHIP-PIC18F242 Datasheet
5Mb / 332P
28/40-pin High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
2006
PIC18F242 MICROCHIP-PIC18F242 Datasheet
5Mb / 332P
High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D
08/29/06
PIC18F242-I-SO MICROCHIP-PIC18F242-I-SO Datasheet
5Mb / 332P
High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D
08/29/06
PIC18F2420 MICROCHIP-PIC18F2420 Datasheet
6Mb / 390P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
PIC18F2420 MICROCHIP-PIC18F2420 Datasheet
283Kb / 16P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2005
More results


Similar Description - PIC18F2423-I/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F2420 MICROCHIP-PIC18F2420 Datasheet
6Mb / 390P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
PIC18F2525 MICROCHIP-PIC18F2525 Datasheet
6Mb / 390P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
PIC18F4321 MICROCHIP-PIC18F4321 Datasheet
6Mb / 396P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2007
PIC18F2420 MICROCHIP-PIC18F2420_08 Datasheet
6Mb / 412P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2008
PIC18F2525 MICROCHIP-PIC18F2525_08 Datasheet
6Mb / 412P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18LF4620-I MICROCHIP-PIC18LF4620-I Datasheet
6Mb / 412P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18F2620-ISO MICROCHIP-PIC18F2620-ISO Datasheet
6Mb / 412P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18LF4520-IPT MICROCHIP-PIC18LF4520-IPT Datasheet
6Mb / 412P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18F4525-I MICROCHIP-PIC18F4525-I Datasheet
6Mb / 412P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18F4525-I MICROCHIP-PIC18F4525-I Datasheet
4Mb / 412P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com