Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F87J50-I/PT Datasheet (PDF) - Microchip Technology

PIC18F87J50-I/PT Datasheet PDF - Microchip Technology
Part # PIC18F87J50-I/PT
Download  PIC18F87J50-I/PT Download
File Size   8403.98 Kbytes
Page   480 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64/80-Pin High-Performance, 1-Mbit Flash USB Microcontrollers with nanoWatt Technology

PIC18F87J50-I/PT Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC18F87J50-I/PT Datasheet PDF - Microchip Technology

Part # PIC18F87J50-I/PT
Download  PIC18F87J50-I/PT Click to download

File Size   8403.98 Kbytes
Page   480 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64/80-Pin High-Performance, 1-Mbit Flash USB Microcontrollers with nanoWatt Technology

PIC18F87J50-I/PT Datasheet (HTML) - Microchip Technology


PIC18F87J50-I/PT Product details

DEVICE OVERVIEW
This document contains device-specific information for the following devices:
• PIC18F65J50 • PIC18F85J50
• PIC18F66J50 • PIC18F86J50
• PIC18F66J55 • PIC18F86J55
• PIC18F67J50 • PIC18F87J50

This family introduces a new line of low-voltage USB microcontrollers with the main traditional advantage of all PIC18 microcontrollers – namely, high computational performance and a rich feature set – at an extremely competitive price point. These features make the PIC18F87J50 family a logical choice for many high-performance applications, where cost is a primary consideration.

Universal Serial Bus Features:
• USB V2.0 Compliant SIE
• Low Speed (1.5 Mb/s) and Full Speed (12 Mb/s)
• Supports Control, Interrupt, Isochronous and Bulk Transfers
• Supports up to 32 Endpoints (16 bidirectional)
• 3.9-Kbyte Dual Access RAM for USB
• On-Chip USB Transceiver

Flexible Oscillator Structure:
• High-Precision PLL for USB
• Two External Clock modes, up to 48 MHz
• Internal 31 kHz Oscillator, Tunable Internal Oscillator, 31 kHz to 8 MHz
• Secondary Oscillator using Timer1 @ 32 kHz
• Fail-Safe Clock Monitor:
   - Allows for safe shutdown if any clock stops

Peripheral Highlights:
• High-Current Sink/Source 25 mA/25mA (PORTB and PORTC)
• Four Programmable External Interrupts
• Four Input Change Interrupts
• Two Capture/Compare/PWM (CCP) modules
• Three Enhanced Capture/Compare/PWM (ECCP) modules:
   - One, two or four PWM outputs
   - Selectable polarity
   - Programmable dead time
   - Auto-shutdown and auto-restart
• Two Master Synchronous Serial Port (MSSP) modules supporting 3-Wire SPI (all 4 modes) and I2C™ Master and Slave modes
• 8-Bit Parallel Master Port/Enhanced Parallel Slave Port with 16 Address Lines
• Dual Analog Comparators with Input Multiplexing
• 10-Bit, up to 12-Channel Analog-to-Digital (A/D) Converter module:
   - Auto-acquisition capability
   - Conversion available during Sleep
• Two Enhanced USART modules:
   - Supports RS-485, RS-232 and LIN 1.2
   - Auto-wake-up on Start bit
   - Auto-Baud Detect

External Memory Bus
(80-pin devices only):
• Address Capability of up to 2 Mbytes
• 8-Bit or 16-Bit Interface
• 12-Bit, 16-Bit and 20-Bit Addressing modes

Special Microcontroller Features:
• 5.5V Tolerant Inputs (digital-only pins)
• Low-Power, High-Speed CMOS Flash Technology
• C Compiler Optimized Architecture for Re-Entrant Code
• Power Management Features:
   - Run: CPU on, peripherals on
   - Idle: CPU off, peripherals on
   - Sleep: CPU off, peripherals off
• Priority Levels for Interrupts
• Self-Programmable under Software Control
• 8 x 8 Single-Cycle Hardware Multiplier
• Extended Watchdog Timer (WDT):
   - Programmable period from 4 ms to 131s
• Single-Supply In-Circuit Serial Programming™ (ICSP™) via Two Pins
• In-Circuit Debug (ICD) with 3 Breakpoints via Two Pins
• Operating Voltage Range of 2.0V to 3.6V
• On-Chip 2.5V Regulator
• Flash Program Memory of 10000 Erase/Write Cycles and 20-Year Data Retention




Similar Part No. - PIC18F87J50-I/PT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F87J50-ICE MICROCHIP-PIC18F87J50-ICE Datasheet
782Kb / 78P
Debug Header Specification
2006-2012
More results


Similar Description - PIC18F87J50-I/PT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F6625 MICROCHIP-PIC18F6625 Datasheet
143Kb / 6P
64/80-Pin High-Performance, 1-Mbit Enhanced Flash Microcontrollers with A/D and nanoWatt Technology
2004
PIC18F87J10 MICROCHIP-PIC18F87J10 Datasheet
3Mb / 394P
64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
2005
PIC18F6310 MICROCHIP-PIC18F6310 Datasheet
3Mb / 404P
64/80-Pin Flash Microcontrollers with nanoWatt Technology
2004
PIC18F85J11 MICROCHIP-PIC18F85J11 Datasheet
6Mb / 396P
64/80-Pin High-Performance Microcontrollers with nanoWatt Technology
2007
PIC18F87J11 MICROCHIP-PIC18F87J11 Datasheet
7Mb / 448P
64/80-Pin High-Performance,1-Mbit Flash Microcontrollers with nanoWatt Technology
2007
PIC18F87J10 MICROCHIP-PIC18F87J10_09 Datasheet
6Mb / 410P
64/80-Pin, High-Performance 1-Mbit Flash Microcontrollers with nanoWatt Technology
2009
PIC18F87K22 MICROCHIP-PIC18F87K22_11 Datasheet
4Mb / 548P
64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers
2011
PIC18F87J11 MICROCHIP-PIC18F87J11_12 Datasheet
7Mb / 466P
64/80-Pin, High-Performance, 1-Mbit Flash Microcontrollers
11/29/11
PIC18F67J11-IPT MICROCHIP-PIC18F67J11-IPT Datasheet
7Mb / 448P
64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
03/26/09
PIC18F67J11T-I MICROCHIP-PIC18F67J11T-I Datasheet
7Mb / 466P
64/80-Pin, High-Performance, 1-Mbit Flash Microcontrollers
11/29/11
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com