Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRM-8601M2 Datasheet (PDF) - Everlight Electronics Co., Ltd

IRM-8601M2 Datasheet PDF - Everlight Electronics Co., Ltd
Part # IRM-8601M2
Download  IRM-8601M2 Download
File Size   249.71 Kbytes
Page   7 Pages
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd
Description IRM-8601M2-x series

IRM-8601M2 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRM-8601M2 Datasheet PDF - Everlight Electronics Co., Ltd

Part # IRM-8601M2
Download  IRM-8601M2 Click to download

File Size   249.71 Kbytes
Page   7 Pages
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd
Description IRM-8601M2-x series

IRM-8601M2 Datasheet (HTML) - Everlight Electronics Co., Ltd


IRM-8601M2 Product details

Features
‧ High protection ability against EMI
‧ Ellipsoid lens for improved reception characteristics
‧ Available for various carrier frequencies
‧ Min burst length: 10 cycles
‧ Min gap length: 14 cycles
‧ Low operating voltage and low power consumption
‧ High immunity against ambient light
‧ High immunity against TFT backlight
‧ Long reception range
‧ High sensitivity
‧ Pb free and RoHS compliant

Description
The IRM-8601M2-x devices are DIP type infrared
receivers which have been developed and designed by
using the latest IC technology.
The PIN diode and preamplifier are assembled onto
a lead frame and molded into a black epoxy package
which operates as an IR filter.The demodulated
output signal can directly be decoded by a
microprocessor.

Applications
• AV equipment such as TV, VCR, DVD, CD, MD, etc.
• CATV set top boxes
• Multi-media Equipment
• Other devices using IR remote control




Similar Part No. - IRM-8601M2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-8601M2 EVERLIGHT-IRM-8601M2 Datasheet
249Kb / 7P
IRM-8601M2-x series
June 25, 2010
IRM-8601M2-2 EVERLIGHT-IRM-8601M2-2 Datasheet
249Kb / 7P
IRM-8601M2-x series
June 25, 2010
IRM-8601M2-2 EVERLIGHT-IRM-8601M2-2 Datasheet
249Kb / 7P
IRM-8601M2-x series
June 25, 2010
IRM-8601M2-4 EVERLIGHT-IRM-8601M2-4 Datasheet
249Kb / 7P
IRM-8601M2-x series
June 25, 2010
More results


Similar Description - IRM-8601M2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-8608S EVERLIGHT-IRM-8608S Datasheet
114Kb / 4P
Miniature Type IRM(Lateral)
logo
Hittite Microwave Corpo...
HMC-MDB218 HITTITE-HMC-MDB218_09 Datasheet
187Kb / 6P
GaAs MMIC SUB-HARMONIC IRM MIXER, 54 - 64 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6522 AVAGO-AMMP-6522_15 Datasheet
265Kb / 7P
7 to 20 GHz GaAs MMIC LNA/IRM Receiver
AMMP-6532 AVAGO-AMMP-6532 Datasheet
190Kb / 7P
20-32 GHz GaAs MMIC LNA/IRM Receiver
logo
Broadcom Corporation.
AMMP-6532 BOARDCOM-AMMP-6532 Datasheet
190Kb / 7P
20-32 GHz GaAs MMIC LNA/IRM Receiver in SMT Package
logo
Analog Devices
HMC404 AD-HMC404 Datasheet
361Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED IRM MIXER, 26 - 33 GHz
logo
DIWELL Electronics Co.,...
IRM-05 DIWELL-IRM-05 Datasheet
151Kb / 2P
5W Output Switching IRM-05 series Power Supply
2013-07-09
IRM-10 DIWELL-IRM-10 Datasheet
155Kb / 2P
10W Output Switching IRM-10 series Power Supply
2013-07-09
IRM-15 DIWELL-IRM-15 Datasheet
246Kb / 3P
15W Output Switching IRM-15 series Power Supply
2014-01-16
IRM-20 DIWELL-IRM-20 Datasheet
250Kb / 3P
20W Output Switching IRM-20 series Power Supply
2014-01-16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com