Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADA4000-4 Datasheet (PDF) - Analog Devices

ADA4000-4 Datasheet PDF - Analog Devices
Part # ADA4000-4
Download  ADA4000-4 Download
File Size   577.78 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, Precision JFET Input Operational Amplifiers

ADA4000-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADA4000-4 Datasheet PDF - Analog Devices

Part # ADA4000-4
Download  ADA4000-4 Click to download

File Size   577.78 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, Precision JFET Input Operational Amplifiers

ADA4000-4 Datasheet (HTML) - Analog Devices


ADA4000-4 Product details

FEATURES High slew rate: 20 V/μs
Fast settling time
Low offset voltage: 1.70 mV maximum Bias current: 40 pA maximum ±4 V to ±18 V operation
Low voltage noise: 16 nV/Hz
Unity gain stable Common-mode voltage includes +VS
Wide bandwidth: 5 MHz APPLICATIONS
Reference gain/buffers Level shift/driving
Active filters Power line monitoring/control
Current/voltage sense or monitoring
Data acquisition
Sample-and-hold circuits
Integrators




Similar Part No. - ADA4000-4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4000-4 AD-ADA4000-4 Datasheet
476Kb / 16P
Low Cost, Precision JFET Input Operational Amplifiers
5/07-Revision 0
ADA4000-4 AD-ADA4000-4 Datasheet
578Kb / 16P
Low Cost, Precision JFET Input Operational Amplifiers
Rev. B
ADA4000-4ARUZ AD-ADA4000-4ARUZ Datasheet
476Kb / 16P
Low Cost, Precision JFET Input Operational Amplifiers
5/07-Revision 0
ADA4000-4ARUZ AD-ADA4000-4ARUZ Datasheet
578Kb / 16P
Low Cost, Precision JFET Input Operational Amplifiers
Rev. B
ADA4000-4ARUZ-RL AD-ADA4000-4ARUZ-RL Datasheet
476Kb / 16P
Low Cost, Precision JFET Input Operational Amplifiers
5/07-Revision 0
More results


Similar Description - ADA4000-4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-15 AD-OP-15 Datasheet
776Kb / 14P
PRECISION JFET-INPUT OPERATIONAL AMPLIFIERS
OP15 AD-OP15 Datasheet
429Kb / 12P
Precision JFET-Input Operational Amplifiers
9/02-Data Sheet changed from REV. 0 to REV. A.
ADTL082 AD-ADTL082 Datasheet
184Kb / 6P
Low Cost JFET Input Operational Amplifiers
Jan-2006
ADA4000-1 AD-ADA4000-1_07 Datasheet
476Kb / 16P
Low Cost, Precision JFET Input Operational Amplifiers
5/07-Revision 0
ADTL082 AD-ADTL082_07 Datasheet
298Kb / 12P
Low Cost JFET Input Operational Amplifiers
REV. B
ADA4000-1 AD-ADA4000-1_09 Datasheet
420Kb / 16P
Low Cost, Precision JFET Input Operational Amplifiers
REV. A
ADTL082ARMZ AD-ADTL082ARMZ Datasheet
299Kb / 12P
Low Cost JFET Input Operational Amplifiers
REV. B
OP-17 AD-OP-17_15 Datasheet
793Kb / 14P
PRECISION JFET INPUT OPERATIONAL AMPLIFIERS
OP-16 AD-OP-16_15 Datasheet
793Kb / 14P
PRECISION JFET INPUT OPERATIONAL AMPLIFIERS
ADA4000-1 AD-ADA4000-1_16 Datasheet
578Kb / 16P
Low Cost, Precision JFET Input Operational Amplifiers
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com