Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2400AVBA0ES Datasheet (PDF) - NXP Semiconductors

MFS2400AVBA0ES Datasheet PDF - NXP Semiconductors
Part # MFS2400AVBA0ES
Download  MFS2400AVBA0ES Download
File Size   1534.3 Kbytes
Page   151 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver

MFS2400AVBA0ES Datasheet (PDF)

Go To PDF Page Download Datasheet
MFS2400AVBA0ES Datasheet PDF - NXP Semiconductors

Part # MFS2400AVBA0ES
Download  MFS2400AVBA0ES Click to download

File Size   1534.3 Kbytes
Page   151 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver

MFS2400AVBA0ES Datasheet (HTML) - NXP Semiconductors


MFS2400AVBA0ES Product details

Features and benefits
Operating range
• 40 V DC maximum input voltage
• Low-power off mode with very low sleep current and multiple wake-up sources
• Low-power on mode with HVBUCK (V1) active, HVLDO (V3) selectable by OTP and multiple wake-up
sources
Power supplies
• V1: High-voltage synchronous buck converter with integrated FETs. Configurable output voltage (1.9 V to 5 V)
and switching frequency, output DC current capability up to 400 mA and PFM mode for Low-power on mode
operation
• V3: High-voltage LDO regulator for microcontroller I/O support with selectable output voltage between 3.3 V or
5 V and up to 150 mA current capability
System support
• One CAN FD supporting up to 5 Mbps communication following ISO 11898-2:2016 and SAE J2284 standards
• Four wake-up inputs (40 V capable): WAKEx pins, HVIO1 pin, CAN FD or SPI command
• Hardware ID detection capability
• One high-voltage I/O with wake-up capability (40 V capable): HVIO1
• Device control via 32 bits SPI interface, with CRC
• Integrated long duration timer (LDT) for system shutdown and wake-up control, programmable up to 194 days
• 12-channel analog multiplexer (AMUX) for system monitoring (temperature, battery voltage, internal voltages)
Functional safety
• Developed following ISO 26262:2018 standard to fit for ASIL B applications
• Internal monitoring circuitry with its own reference.
• Additional input for external voltage monitoring
• Window or timeout watchdog function to monitor the MCU software failure
• Analog built-in self-test (ABIST) on demand
• Safety outputs (RSTB, LIMP0)
• Safety input to monitor external IC state (ERRMON)
Configuration and enablement
• HVQFN32EP: QFN, 32 pins with exposed pad for optimized thermal management, wettable flanks, 5 mm x 5
mm x 0.85 mm, 0.5 mm pitch
• Permanent device customization via one time programmable (OTP) fuse memory
• OTP emulation mode for system development and evaluation

Applications
• UWB anchors
• NFC anchors
• BLE anchors
• Combo anchors (UWB + BLE)
• UWB radar
• All small applications requiring low power and CAN FD
• UWB master anchors




Similar Part No. - MFS2400AVBA0ES

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MFS2400AVBA0ES NXP-MFS2400AVBA0ES Datasheet
406Kb / 21P
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
Rev. 1 - 30 January 2024
More results


Similar Description - MFS2400AVBA0ES

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UJA1065 PHILIPS-UJA1065 Datasheet
285Kb / 67P
High-speed CAN/LIN fail-safe system basis chip
Rev. 01-10 August 2005
UJA1069 PHILIPS-UJA1069 Datasheet
299Kb / 64P
LIN fail-safe system basis chip
Rev. 02-5 March 2007
UJA1069 NXP-UJA1069 Datasheet
310Kb / 64P
LIN fail-safe system basis chip
Rev. 03-10 September 2007
UJA1061 NXP-UJA1061 Datasheet
340Kb / 74P
Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 05-22 November 2007
UJA1069 NXP-UJA1069_09 Datasheet
304Kb / 64P
LIN fail-safe system basis chip
Rev. 04-28 October 2009
UJA1065 NXP-UJA1065 Datasheet
470Kb / 76P
High-speed CAN/LIN fail-safe system basis chip
Rev. 07-25 February 2010
UJA1061 NXP-UJA1061_10 Datasheet
529Kb / 77P
Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 06-9 March 2010
UJA1066 NXP-UJA1066 Datasheet
473Kb / 70P
High-speed CAN fail-safe system basis chip
Rev. 03-17 March 2010
logo
ON Semiconductor
NCV7450 ONSEMI-NCV7450 Datasheet
319Kb / 18P
System Basis Chip with CAN FD, LDO Regulator and HS Driver
November, 2019 ??Rev. 1
logo
NXP Semiconductors
PF5030_SDS NXP-PF5030_SDS Datasheet
354Kb / 20P
Fail-safe system basis chip with multiple SMPSs and LDOs
Rev. 1 - 22 November 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com