Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NTE1660 Datasheet (PDF) - NTE Electronics

NTE1660 Datasheet PDF - NTE Electronics
Part # NTE1660
Download  NTE1660 Download
File Size   79.12 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Audio Preamplifier

NTE1660 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1660 Datasheet PDF - NTE Electronics

Part # NTE1660
Download  NTE1660 Click to download

File Size   79.12 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Audio Preamplifier

NTE1660 Datasheet (HTML) - NTE Electronics


NTE1660 Product details

Features:

• High Open−Loop Voltage Gain: 80dB Typ

• High Input Impedance: 200kΩ Typ

• Low Noise: 0.9µV Typ (Rg = 2.4kΩ, converted into input voltage)



 




Similar Part No. - NTE1660

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE166 NTE-NTE166 Datasheet
18Kb / 2P
Single Phase Bridge Rectifier 2.0 Amp
NTE1661 NTE-NTE1661 Datasheet
88Kb / 3P
Integrated Circuit Synchronization Signal Processor For B/W TV and Small-Sized Color TV
NTE1664 NTE-NTE1664 Datasheet
26Kb / 3P
Integrated Circuit TV Hotizontal/Vertical Sync Signal Processor
NTE1667 NTE-NTE1667 Datasheet
23Kb / 2P
Integrated Circuit 2 Channel Amp, 2.3W/Ch (4.7W BTL)
NTE1668 NTE-NTE1668 Datasheet
79Kb / 4P
Integrated Circuit TV SoundIF/Detector
More results


Similar Description - NTE1660

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1103 NTE-NTE1103 Datasheet
22Kb / 2P
Integrated Circuit General Purpose, Low Noise Preamplifier
NTE15004 NTE-NTE15004 Datasheet
21Kb / 2P
Integrated Circuit Remote Control Preamplifier
NTE1659 NTE-NTE1659 Datasheet
21Kb / 2P
Integrated Circuit Dual AF Preamplifier
NTE1764 NTE-NTE1764 Datasheet
20Kb / 2P
Integrated Circuit Infrared Preamplifier
NTE824 NTE-NTE824 Datasheet
20Kb / 2P
Integrated Circuit Low Noise Dual Preamplifier
NTE949 NTE-NTE949 Datasheet
28Kb / 3P
Integrated Circuit Dual Audio Operational Amplifier/Preamplifier
NTE1053 NTE-NTE1053 Datasheet
79Kb / 2P
Integrated Circuit AF High Gain Preamplifier
logo
Silan Microelectronics ...
SA1622 SILAN-SA1622 Datasheet
204Kb / 8P
AUDIO PREAMPLIFIER&
logo
Nuvoton Technology Corp...
NAU85L20 NUVOTON-NAU85L20 Datasheet
2Mb / 47P
Dual Audio ADC with Integrated FLL and Microphone Preamplifier
logo
Toshiba Semiconductor
TA7359P TOSHIBA-TA7359P Datasheet
406Kb / 6P
AUDIO DUAL PREAMPLIFIER.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com