Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PHPT61006PY-Q Datasheet (PDF) - Nexperia B.V. All rights reserved

PHPT61006PY-Q Datasheet PDF - Nexperia B.V. All rights reserved
Part # PHPT61006PY-Q
Download  PHPT61006PY-Q Download
File Size   279.23 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 100 V, 6 A PNP high power bipolar transistor

PHPT61006PY-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
PHPT61006PY-Q Datasheet PDF - Nexperia B.V. All rights reserved

Part # PHPT61006PY-Q
Download  PHPT61006PY-Q Click to download

File Size   279.23 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 100 V, 6 A PNP high power bipolar transistor

PHPT61006PY-Q Datasheet (HTML) - Nexperia B.V. All rights reserved


PHPT61006PY-Q Product details

1. General description
PNP high power bipolar transistor in a SOT669 (LFPAK56) Surface-Mounted Device (SMD) power
plastic package.
NPN complement: PHPT61006NY-Q

2. Features and benefits
• High thermal power dissipation capability
• High temperature applications up to 175 °C
• Reduced Printed Circuit Board (PCB) requirements comparing to transistors in DPAK
• High energy efficiency due to less heat generation
• Qualified according to AEC-Q101 and recommended for use in automotive applications

3. Applications
• Power management
• Load switch
• Linear mode voltage regulator
• Backlighting applications
• Motor drive
• Relay replacement




Similar Part No. - PHPT61006PY-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHPT61006PY NXP-PHPT61006PY Datasheet
237Kb / 16P
100 V, 6 A PNP high power bipolar transistor
21 January 2015
logo
Nexperia B.V. All right...
PHPT61006PY NEXPERIA-PHPT61006PY Datasheet
717Kb / 16P
100 V, 6 A PNP high power bipolar transistor
21 January 2015
More results


Similar Description - PHPT61006PY-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHPT60606PY NXP-PHPT60606PY Datasheet
239Kb / 15P
60 V, 6 A PNP high power bipolar transistor
9 December 2014
PHPT61006PY NXP-PHPT61006PY Datasheet
237Kb / 16P
100 V, 6 A PNP high power bipolar transistor
21 January 2015
PHPT61010PY NXP-PHPT61010PY Datasheet
239Kb / 16P
100 V, 10 A PNP high power bipolar transistor
20 March 2015
logo
Nexperia B.V. All right...
PHPT61002PYCLH NEXPERIA-PHPT61002PYCLH Datasheet
261Kb / 15P
100 V, 2 A PNP high power bipolar transistor
PHPT60406PY NEXPERIA-PHPT60406PY Datasheet
719Kb / 15P
40 V, 6 A PNP high power bipolar transistor
MJD42C NEXPERIA-MJD42C Datasheet
230Kb / 11P
100 V, 6 A PNP high power bipolar transistor
10 May 2021
MJD42C-Q NEXPERIA-MJD42C-Q Datasheet
223Kb / 10P
100 V, 6 A PNP high power bipolar transistor
8 June 2021
PHPT60606PY NEXPERIA-PHPT60606PY Datasheet
718Kb / 15P
60 V, 6 A PNP high power bipolar transistor
9 December 2014
PHPT61006PY NEXPERIA-PHPT61006PY Datasheet
717Kb / 16P
100 V, 6 A PNP high power bipolar transistor
21 January 2015
PHPT61010PY NEXPERIA-PHPT61010PY Datasheet
719Kb / 16P
100 V, 10 A PNP high power bipolar transistor
20 March 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com