Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ78706 Datasheet (PDF) - Texas Instruments

BQ78706 Datasheet PDF - Texas Instruments
Part # BQ78706
Download  BQ78706 Download
File Size   1453.16 Kbytes
Page   12 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description BQ78706 Functional Safety-Compliant 14S Battery Monitor

BQ78706 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ78706 Datasheet PDF - Texas Instruments

Part # BQ78706
Download  BQ78706 Click to download

File Size   1453.16 Kbytes
Page   12 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description BQ78706 Functional Safety-Compliant 14S Battery Monitor

BQ78706 Datasheet (HTML) - Texas Instruments


BQ78706 Product details

1 Features
• Functional Safety-Compliant
– Documentation to aid ISO 26262 system design
– Systematic capability up to ASIL B
– Hardware capability up to ASIL B
• Measure 9 to 14 batteries in series per device,
stackable up to 64 devices
• Dedicated ADC with ±3.2mV accuracy over
temperature
• Cell voltage and battery pack current
measurement synchronized to 64μs
• Support limp mode with full redundancy
• Integrated post-ADC configurable digital low-pass
filters
• Supports busbar without affecting measurement
accuracy
• 12 GPIOs for temp sensor/analog/digital/I2C
controller/SPI controller
• Internal cell balancing
– Balancing at 300mA
– User controlled PWM adjustment cell balancing
current
– Built-in balancing thermal management with
automatic pause and resume control
• Robust daisy chain communication and support
Ring Architecture
• Hardware reset by host simulates POR-like event
without battery removal
• Support transformer and capacitive isolation
• On chip memory for one time custom programming
• Low power mode current <6μA
• Compatible with BQ79600-Q1 with SPI/UART
interface

2 Applications
• Energy storage systems
• Portable power stations

3 Description
The BQ78706 provides high-accuracy cell voltage
measurements for up to 14S battery modules in
high-voltage battery management systems in energy
storage systems (ESS) and portable power stations
(PPS). This device has a state-of-the-art ADC
architecture/measurement system meeting stringent
safety requirements. With the daisy-chain isolated by
transformer (or capacitor), the device is designed for
centralized or distributed architectures in residential,
commercial, or grid-scale energy storage systems.




Similar Part No. - BQ78706

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ78702B TI2-BQ78702B Datasheet
1Mb / 10P
BQ78702B Functional Safety-Compliant Automotive 18S Battery Monitor
JUNE 2025
BQ78702BPAPR TI2-BQ78702BPAPR Datasheet
1Mb / 10P
BQ78702B Functional Safety-Compliant Automotive 18S Battery Monitor
JUNE 2025
BQ78709-Q1 TI2-BQ78709-Q1 Datasheet
2Mb / 60P
BQ78709-Q1 2-Series to 7-Series High Accuracy Automotive Battery Monitor and Protector for Li-Ion, Li-Polymer, LiFePO4 (LFP), and LTO Battery Packs and Supercaps
MAY 2026
BQ78709QRGRRQ1 TI2-BQ78709QRGRRQ1 Datasheet
2Mb / 60P
BQ78709-Q1 2-Series to 7-Series High Accuracy Automotive Battery Monitor and Protector for Li-Ion, Li-Polymer, LiFePO4 (LFP), and LTO Battery Packs and Supercaps
MAY 2026
More results


Similar Description - BQ78706

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8280 AD-AD8280 Datasheet
649Kb / 24P
Lithium Ion Battery Safety Monitor
REV. C
logo
Microchip Technology
PS7051 MICROCHIP-PS7051 Datasheet
292Kb / 14P
PS700 Battery Monitor and Safety Module
11/24/03
logo
Texas Instruments
BQ79616-Q1 TI-BQ79616-Q1 Datasheet
1Mb / 13P
BQ79616-Q1, BQ79614-Q1, BQ79612-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector
BQ79656-Q1 TI-BQ79656-Q1 Datasheet
1Mb / 11P
BQ79656-Q1, BQ79654-Q1, BQ79652-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector with Integrated Current Sense
BQ79612-Q1 TI-BQ79612-Q1_V01 Datasheet
1Mb / 13P
BQ79616-Q1, BQ79614-Q1, BQ79612-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector
BQ75614-Q1 TI-BQ75614-Q1_V02 Datasheet
1Mb / 13P
BQ75614-Q1 14S or 16S Standalone Precision Automotive Battery Monitor, Balancer and Integrated Current Sense
BQ79656-Q1 TI-BQ79656-Q1_V01 Datasheet
1Mb / 13P
BQ79656-Q1, BQ79654-Q1, BQ79652-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector with Integrated Current Sense
REVISED JUNE 2022
BQ79718-Q1 TI-BQ79718-Q1 Datasheet
1Mb / 11P
BQ79718-Q1 Functional Safety-Compliant Automotive 18S Battery Monitor
DECEMBER 2022
logo
Infineon Technologies A...
TLF35585QVS01 INFINEON-TLF35585QVS01 Datasheet
553Kb / 10P
Functional safety PMIC
Rev. 1.0 2023-02-03
logo
Texas Instruments
BQ79616-Q1 TI1-BQ79616-Q1_V01 Datasheet
5Mb / 223P
BQ79616-Q1, BQ79616H-Q1, BQ79614-Q1, BQ79612-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector
REVISED NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com