Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2549777 Datasheet (PDF) - Hammond Manufacturing Ltd.

2549777 Datasheet PDF - Hammond Manufacturing Ltd.
Part # 2549777
Download  2549777 Download
File Size   117.62 Kbytes
Page   1 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Brushed Panel Horizontal Cable Manager

2549777 Datasheet (PDF)

Go To PDF Page Download Datasheet
2549777 Datasheet PDF - Hammond Manufacturing Ltd.

Part # 2549777
Download  2549777 Click to download

File Size   117.62 Kbytes
Page   1 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Brushed Panel Horizontal Cable Manager

2549777 Datasheet (HTML) - Hammond Manufacturing Ltd.


2549777 Product details

Features
Constructed of 16-gauge steel.
Reduces unwanted airflow inside a rack cabinet.
Allows for cable pass-through.
Improve aesthetics of your installation.
Available in 1U and 2U sizes.
Includes cable management tray with hook and loop tie-offs.
Designed to fit standard EIA 19 inch rack mount.
Finished in premium black powder paint.
RoHS and REACH compliant.
Manufactured in North America

Accessories
● Mounting Hardware
● Hook and Loop Roll
● Protective Grommet Strip




Similar Part No. - 2549777

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
254977 ERNI-254977 Datasheet
507Kb / 1P
FEDERLEISTE CD 128 LOT
More results


Similar Description - 2549777

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
450-6015 ETC2-450-6015 Datasheet
122Kb / 1P
Brushed Aluminum Knobs
logo
Hammond Manufacturing L...
RDCM HAMMOND-RDCM Datasheet
86Kb / 1P
Rail Depth Cable Manager
logo
Tripp Lite. All Rights ...
SRCABLEDUCT1U TRIPPLITE-SRCABLEDUCT1U Datasheet
471Kb / 2P
SmartRack 1U Horizontal Cable Manager - Finger duct with cover
SRCABLEDUCT1UHD TRIPPLITE-SRCABLEDUCT1UHD Datasheet
480Kb / 2P
SmartRack 1U High Capacity Horizontal Cable Manager - Finger duct with dual-hinge cover
SRCABLEDUCT2UHD TRIPPLITE-SRCABLEDUCT2UHD Datasheet
491Kb / 2P
SmartRack 2U High Capacity Horizontal Cable Manager - Finger duct with dual-hinge cover
SRCABLERING1U TRIPPLITE-SRCABLERING1U Datasheet
468Kb / 2P
SmartRack 1U Horizontal Cable Manager - Flexible ring type
SRCABLERING2U TRIPPLITE-SRCABLERING2U Datasheet
477Kb / 2P
SmartRack 2U Horizontal Cable Manager - Flexible ring type
logo
PANDUIT CORP.
WMP1E PANDUIT-WMP1E Datasheet
838Kb / 2P
PatchLink ??Horizontal Cable Managers
5/2016
WMPF1E PANDUIT-WMPF1E Datasheet
308Kb / 1P
WMPF1E HORIZONTAL MANAGER
08A
WMPLFSE PANDUIT-WMPLFSE Datasheet
273Kb / 1P
WMPLFSE HORIZONTAL MANAGER
04A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com