Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XV46D30K Datasheet (PDF) - Teledyne Technologies Incorporated

XV46D30K Datasheet PDF - Teledyne Technologies Incorporated
Part # XV46D30K
Download  XV46D30K Download
File Size   85.26 Kbytes
Page   2 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description Single Output to 30A 420 Vac No Heat Sink, Hybrid Relay

XV46D30K Datasheet (PDF)

Go To PDF Page Download Datasheet
XV46D30K Datasheet PDF - Teledyne Technologies Incorporated

Part # XV46D30K
Download  XV46D30K Click to download

File Size   85.26 Kbytes
Page   2 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description Single Output to 30A 420 Vac No Heat Sink, Hybrid Relay

XV46D30K Datasheet (HTML) - Teledyne Technologies Incorporated




Similar Part No. - XV46D30K

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
XV4001BC SII-XV4001BC Datasheet
960Kb / 2P
GYRO SENSOR (Digital Output) FOR AUTOMOTIVE
logo
Epson ToYoCom
XV4001BC EPSONTOYOCOM-XV4001BC Datasheet
282Kb / 1P
GYRO Sensor (Digital Output)
logo
Epson Company
XV4001BC EPSON-XV4001BC Datasheet
960Kb / 2P
GYRO SENSOR (Digital Output)
logo
Seiko Instruments Inc
XV4001BD SII-XV4001BD Datasheet
960Kb / 2P
GYRO SENSOR (Digital Output) FOR AUTOMOTIVE
logo
Epson ToYoCom
XV4001BD EPSONTOYOCOM-XV4001BD Datasheet
282Kb / 1P
GYRO Sensor (Digital Output)
More results


Similar Description - XV46D30K

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
DRS24D25 TELEDYNE-DRS24D25 Datasheet
166Kb / 4P
Single Output to 30A 510 Vac DIN-Rail Solid-State Relay with Diagnostics
DRL48R35 TELEDYNE-DRL48R35 Datasheet
163Kb / 4P
Single Output to 35A 510 Vac DIN-Rail Solid-State Relay
DR24D25 TELEDYNE-DR24D25 Datasheet
172Kb / 4P
Single Output to 30A 510 Vac DIN-Rail Solid-State Relay
logo
Murata Manufacturing Co...
USQ30 MURATA-USQ30 Datasheet
408Kb / 15P
Single Output USQ 30A Models
logo
Ohmite Mfg. Co.
AP830 OHMITE-AP830 Datasheet
279Kb / 2P
Single screw mounting to heat sink
AP851 OHMITE-AP851 Datasheet
430Kb / 2P
Single screw mounting to heat sink
ACL-AP830 OHMITE-ACL-AP830 Datasheet
347Kb / 2P
Single screw mounting to heat sink
logo
CUI INC
V78XX-1500 CUI-V78XX-1500 Datasheet
670Kb / 6P
no heat sink required
logo
Teledyne Technologies I...
ST48A25-22 TELEDYNE-ST48A25-22 Datasheet
130Kb / 4P
Single Output to 75A 600 Vac
logo
Schneider Electric
389FHXXC1-120A SCHNEIDER-389FHXXC1-120A Datasheet
173Kb / 4P
Power relay, SE Relays, SPST-NO-DM, 30A, 120 VAC, side flange cover
Aug 2, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com