Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LNO1200B2 Datasheet (PDF) - Rakon Limited

LNO1200B2 Datasheet PDF - Rakon Limited
Part # LNO1200B2
Download  LNO1200B2 Download
File Size   660.87 Kbytes
Page   4 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description Low Noise Oscillator series OCSO @ 1.2 GHz

LNO1200B2 Datasheet (PDF)

Go To PDF Page Download Datasheet
LNO1200B2 Datasheet PDF - Rakon Limited

Part # LNO1200B2
Download  LNO1200B2 Click to download

File Size   660.87 Kbytes
Page   4 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description Low Noise Oscillator series OCSO @ 1.2 GHz

LNO1200B2 Datasheet (HTML) - Rakon Limited


LNO1200B2 Product details

Product Description
LNO 1200 B2 is a low noise and low power OCVCSO (Oven Controlled, Voltage controlled, SAW Oscillator) at 1.2GHz.
It is designed for lab environment (test equipment, shelter, ground based military equipment, etc.).
The 1.2GHz signal is generated from a 600MHz fundamental frequency multiplied by 2.
LNO 1200 B2 is available in a 47.5 x 59.5 x 12.7 mm (typical values, excluding connectors) machined low profile package, including connectors and mounting pads.

Features
 Excellent phase noise performance (typical values) :
o - 128 dBc/Hz @ 1 kHz offset
o - 154 dBc/Hz @ 10 kHz offset
o - 172 dBc/Hz noise floor
 Broadband jitter < 10 fs (offset frequencies from 10 kHz to 100 MHz)

Applications
 Instrumentation (test equipment, simulator)
 Ground based military equipment as per MIL-PRF-28800F, Class 3
 High speed ADC




Similar Part No. - LNO1200B2

ManufacturerPart #DatasheetDescription
logo
Rakon Limited
LNO1200E1 RAKON-LNO1200E1 Datasheet
805Kb / 5P
Low Noise Oscillator series OCSO @1200 MHz
March 2017
More results


Similar Description - LNO1200B2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAM12000 MACOM-MAAM12000 Datasheet
191Kb / 2P
Low Noise GaAs MMIC Amplifier 1.2-1.75 GHz
logo
Hittite Microwave Corpo...
HMC548LP3 HITTITE-HMC548LP3 Datasheet
484Kb / 10P
SiGe HBT MMIC LOW NOISE AMPLIFIER, 1.2 - 3.0 GHz
logo
Tyco Electronics
MAAM12000-A1 MACOM-MAAM12000-A1 Datasheet
178Kb / 3P
Low Noise GaAs MMIC Amplifier 1.2 - 1.75 GHz
logo
NEC
UPC1676B NEC-UPC1676B Datasheet
70Kb / 5P
1.2 GHz BANDWIDTH LOW NOISE SILICON MMIC AMPLIFIER
logo
Skyworks Solutions Inc.
SKY65048-360LF SKYWORKS-SKY65048-360LF Datasheet
524Kb / 19P
0.7-1.2 GHz Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC548LP3 HITTITE-HMC548LP3_09 Datasheet
348Kb / 8P
SiGe HBT MMIC LOW NOISE AMPLIFIER, 1.2 - 3.0 GHz
HMC617LP3 HITTITE-HMC617LP3 Datasheet
1Mb / 8P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 0.55 - 1.2 GHz
HMC618LP3 HITTITE-HMC618LP3_11 Datasheet
1Mb / 14P
GaAs SMT pHEMT LOW NOISE AMPLIFIER, 1.2 - 2.2 GHz
HMC618ALP3E HITTITE-HMC618ALP3E Datasheet
1Mb / 16P
GaAs SMT pHEMT LOW NOISE AMPLIFIER, 1.2 - 2.2 GHz
logo
Skyworks Solutions Inc.
ABA3101 SKYWORKS-ABA3101 Datasheet
585Kb / 12P
1.2 GHz Balanced Low Noise Linear Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com