Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LNO2000B1 Datasheet (PDF) - Rakon Limited

LNO2000B1 Datasheet PDF - Rakon Limited
Part # LNO2000B1
Download  LNO2000B1 Download
File Size   633.91 Kbytes
Page   4 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description Low Noise Oscillator series OCSO @ 2 GHz

LNO2000B1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LNO2000B1 Datasheet PDF - Rakon Limited

Part # LNO2000B1
Download  LNO2000B1 Click to download

File Size   633.91 Kbytes
Page   4 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description Low Noise Oscillator series OCSO @ 2 GHz

LNO2000B1 Datasheet (HTML) - Rakon Limited


LNO2000B1 Product details

Product Description
LNO 2000 B1 is a low noise OCVCSO (Oven Controlled, Voltage controlled, SAW Oscillator) at 2 GHz.
It is composed of a SAW oscillator at 500 MHz fundamental frequency, followed by a frequency quadrupler.
LNO 2000 B1 is designed for routine environment (test equipment, shelter, ground based military equipment...). It is available in a 95.3mm x 76.2mm x 23.3mm package.

Features
 Excellent phase noise performance (typical value) :
o -132 dBc/Hz @ 1kHz offset
o -166 dBc/Hz noise floor
 Broadband jitter < 10 fs (offset frequencies from 10 kHz to 40 MHz)

Applications
 Instrumentation (test equipment, simulator)
 Ground based military equipment as per MIL-PRF-28800F, Class 3
 Low jitter clock for high speed ADC




Similar Part No. - LNO2000B1

ManufacturerPart #DatasheetDescription
logo
TEMEX
LNO2000B1 TEMEX-LNO2000B1 Datasheet
586Kb / 4P
Low Noise Oscillator
More results


Similar Description - LNO2000B1

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
TLA-8-2013 TELEDYNE-TLA-8-2013 Datasheet
892Kb / 2P
Low Noise Amplifier 2 GHz - 8 GHz
TLA-8-2014 TELEDYNE-TLA-8-2014 Datasheet
890Kb / 2P
Low Noise Amplifier 2 GHz - 8 GHz
TLA-8-2015 TELEDYNE-TLA-8-2015 Datasheet
890Kb / 2P
Low Noise Amplifier 2 GHz - 8 GHz
TLA-18-2002 TELEDYNE-TLA-18-2002 Datasheet
895Kb / 2P
Low Noise Amplifier 2 GHz - 18 GHz
TLA-18-2003 TELEDYNE-TLA-18-2003 Datasheet
893Kb / 2P
Low Noise Amplifier 2 GHz - 18 GHz
logo
TriQuint Semiconductor
TGA8344-SCC TRIQUINT-TGA8344-SCC Datasheet
499Kb / 11P
2 - 18 GHz Low Noise Amplifier
TGA2227 TRIQUINT-TGA2227 Datasheet
1Mb / 16P
2??2 GHz GaN Low Noise Amplifier
logo
TEMEX
LNO100 TEMEX-LNO100 Datasheet
873Kb / 9P
Low Noise Oscillator series
LNO5000B3 TEMEX-LNO5000B3 Datasheet
793Kb / 5P
Low Noise Oscillator series
LNO1000B1 TEMEX-LNO1000B1 Datasheet
469Kb / 3P
Low Noise Oscillator series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com