Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RK409NS12DFM10M Datasheet (PDF) - Rakon Limited

RK409NS12DFM10M Datasheet PDF - Rakon Limited
Part # RK409NS12DFM10M
Download  RK409NS12DFM10M Download
File Size   515.1 Kbytes
Page   5 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description NEWSPACE ULTRA STABLE OSCILLATOR SERIES

RK409NS12DFM10M Datasheet (PDF)

Go To PDF Page Download Datasheet
RK409NS12DFM10M Datasheet PDF - Rakon Limited

Part # RK409NS12DFM10M
Download  RK409NS12DFM10M Click to download

File Size   515.1 Kbytes
Page   5 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description NEWSPACE ULTRA STABLE OSCILLATOR SERIES

RK409NS12DFM10M Datasheet (HTML) - Rakon Limited


RK409NS12DFM10M Product details

Features
 Frequency: 10 MHz / 10.23MHz / 10.24MHz
 Package: 50 x 50 x 30 mm
 Supply voltage: 12 V
 Steady state consumption: 1 W
 Overall frequency stability: ±0.5 ppm over 12 years
 2 inputs power supplies on specific request
 Excellent ADEV (4s): 4.67E-13
 Low phase noise: <-110 dBc/Hz @1Hz; <-139 dBc/Hz @10Hz
 Output waveform: sine 50 Ω
 TID limit: 30 krads
 Latch up free up to LET: 43 MeV.cm²/mg

Applications
 MRO Reference
 Synthesizers




Similar Part No. - RK409NS12DFM10M

ManufacturerPart #DatasheetDescription
logo
TEMEX
RK409 TEMEX-RK409 Datasheet
589Kb / 7P
Space Oven Controlled Crystal Oscillator
logo
Rakon Limited
RK409AV RAKON-RK409AV Datasheet
114Kb / 1P
Space Ultra Stable Oscillator (USO) Series
8 April 2024
RK409AVNS RAKON-RK409AVNS Datasheet
687Kb / 4P
10-9 STABILITY CLASS OCXO | NEWSPACE SOLUTIONS
14 May 2024
RK409AVNS12EM10.23M RAKON-RK409AVNS12EM10.23M Datasheet
687Kb / 4P
10-9 STABILITY CLASS OCXO | NEWSPACE SOLUTIONS
14 May 2024
RK409AVNS12EM10.24M RAKON-RK409AVNS12EM10.24M Datasheet
687Kb / 4P
10-9 STABILITY CLASS OCXO | NEWSPACE SOLUTIONS
14 May 2024
More results


Similar Description - RK409NS12DFM10M

ManufacturerPart #DatasheetDescription
logo
TEMEX
MINIUSO TEMEX-MINIUSO Datasheet
393Kb / 5P
Space Qualified Mini USO - Ultra Stable Crystal Oscillator, General Specification (rev1)
logo
List of Unclassifed Man...
ATC100A ETC2-ATC100A Datasheet
275Kb / 6P
Ultra-Stable Performance
ATC800C ETC2-ATC800C Datasheet
191Kb / 5P
Ultra-Stable Performance
ATC800E ETC2-ATC800E Datasheet
142Kb / 5P
Ultra-Stable Performance
logo
Chengdu Xtaltq Technolo...
BT0914A XTAITQ-BT0914A_V01 Datasheet
307Kb / 2P
Ultra Stable
BT1220 XTAITQ-BT1220 Datasheet
243Kb / 2P
Ultra Stable
logo
Skyworks Solutions Inc.
SI560 SKYWORKS-SI560 Datasheet
1Mb / 22P
Ultra Series™ Crystal Oscillator
Revision 206618A May, 2023
SI561 SKYWORKS-SI561 Datasheet
1Mb / 22P
Ultra Series™ Crystal Oscillator
Revision 206619A May, 2023
SI562 SKYWORKS-SI562 Datasheet
1Mb / 23P
Ultra Series™ Crystal Oscillator
Revision 206620A May, 2023
SI564 SKYWORKS-SI564 Datasheet
1Mb / 38P
Ultra Series™ Crystal Oscillator
Revision 206621A May, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com