Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ANX6212 Datasheet (PDF) - Analogix Semiconductor, Inc.

ANX6212 Datasheet PDF - Analogix Semiconductor, Inc.
Part # ANX6212
Download  ANX6212 Download
File Size   180.46 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description DisplayPort™ 1.2 to VGA Converter

ANX6212 Datasheet (PDF)

Go To PDF Page Download Datasheet
ANX6212 Datasheet PDF - Analogix Semiconductor, Inc.

Part # ANX6212
Download  ANX6212 Click to download

File Size   180.46 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description DisplayPort™ 1.2 to VGA Converter

ANX6212 Datasheet (HTML) - Analogix Semiconductor, Inc.


ANX6212 Product details

Features
 VGA output
- Supports resolutions up to WQXGA (2560x1600@60Hz, 24bpp)
- VGA output meets VESA VSIS v1r2 clock jitter specification
- VGA output pixel rate up to 270 MHz
- Low power standby mode with automatic monitor plug and unplug detect
- EDID and MCCS pass-through support
- DDC speed control for use with longer VGA cables
 DisplayPort input
- VESA compliant DisplayPort 1.2 receiver
- VESA compliant eDP v1.3 receiver
- 2 lane high speed differential input with configurable speed: 5.4Gbps, 2.7Gbps, or 1.62Gbps
 Power optimized for Ultra books
- Under 350mW operation at WUXGA resolutions
- 15mW standby power
- DisplayPort HBR2 capability allows for single lane operation up to WUXGA. Saves 50mW of DP Tx power
- 3.3V and 1.05V power requirements easily found on next generation motherboards. No need for external regulators, saving power, space, and cost.
 Other features
- Minimum BOM requirements
- Default settings changeable with I2C
- -10 to +75℃ operating temperature
- 7x7mm, 48 QFN (0.5mm pitch) package




Similar Part No. - ANX6212

ManufacturerPart #DatasheetDescription
logo
Analogix Semiconductor,...
ANX6212 ANALOGIX-ANX6212 Datasheet
210Kb / 2P
DisplayPort™ 1.2 to VGA Converter with OCM
August 2014
ANX6212 ANALOGIX-ANX6212 Datasheet
211Kb / 2P
DisplayPort™ 1.2 to VGA Converter
August 2014
ANX6212 ANALOGIX-ANX6212 Datasheet
199Kb / 2P
DisplayPort™ 1.2 to VGA Converter with OCM
July 2014
More results


Similar Description - ANX6212

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P134000VGAV2 TRIPPLITE-P134000VGAV2 Datasheet
519Kb / 2P
DisplayPort 1.2 to VGA Compact Adapter Converter (DP-Male to VGA-Female)
P13706NVGAV2 TRIPPLITE-P13706NVGAV2 Datasheet
492Kb / 2P
Mini DisplayPort 1.2 to VGA Adapter Converter (Mini-DP Male to VGA Female), 6-in
P136-06N-HV-V2 TRIPPLITE-P136-06N-HV-V2 Datasheet
494Kb / 2P
DisplayPort 1.2 to VGA/HDMI All-in-One Converter Adapter, 4K x 2K HDMI 24 30Hz
P134-000-VGA-V2 TRIPPLITE-P134-000-VGA-V2 Datasheet
172Kb / 2P
DisplayPort 1.2 to VGA Active Compact Adapter (DP-Male to VGA-Female)
P134-000VGAV2BP TRIPPLITE-P134-000VGAV2BP Datasheet
176Kb / 3P
DisplayPort 1.2 to VGA Active Compact Adapter, DisplayPort to HD15 (M/F), 1080p, 50 Pack
P134-06N-VGA-V2 TRIPPLITE-P134-06N-VGA-V2 Datasheet
176Kb / 3P
DisplayPort 1.2 to VGA Active Converter, DisplayPort to HD15 (M/F), 1920 x 1200/1080p, 6 in.
P134-06NVGAV2BP TRIPPLITE-P134-06NVGAV2BP Datasheet
162Kb / 3P
DisplayPort 1.2 to VGA Active Converter, DisplayPort to HD15 (M/F), 1920 x 1200/1080p, 6 in., 50 Pack
P137-06N-VGA-V2 TRIPPLITE-P137-06N-VGA-V2 Datasheet
158Kb / 2P
Keyspan Mini DisplayPort 1.2 to VGA Active Adapter Converter (Mini-DP Male to VGA Female), Thunderbolt 1 & 2 Compatible, 6-in.
logo
Kinetic Technologies.
STDP3150 KINETIC-STDP3150 Datasheet
135Kb / 5P
DisplayPort to VGA Converter
April 2020 - Revision 03b
logo
Chrontel, Inc.
CH7517 CHRONTEL-CH7517 Datasheet
204Kb / 7P
CH7517 DisplayPort to VGA Converter
Rev 1.2 2020-7-14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com